Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 11Page - Texas Instruments UCC24636DBVT Datasheet HTML 12Page - Texas Instruments UCC24636DBVT Datasheet HTML 13Page - Texas Instruments UCC24636DBVT Datasheet HTML 14Page - Texas Instruments UCC24636DBVT Datasheet HTML 15Page - Texas Instruments UCC24636DBVT Datasheet HTML 16Page - Texas Instruments UCC24636DBVT Datasheet HTML 17Page - Texas Instruments UCC24636DBVT Datasheet HTML 18Page - Texas Instruments UCC24636DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
VPC BLK
TBLK
t
100 ns
R
18 pF
-
-
=
´
£
+
VSC2
OUT(max)
VSC1
VSC2
R
V
2.2 V
R
R
VSC2
OUT(min)
VSC1
VSC2
R
V
0.3V
R
R
´
³
+
15
UCC24636
www.ti.com
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
The operating voltage on the VSC pin should be within the range of 0.3 V < VVSC < 2.2 V. Referring to Figure 7, if
VVSC is greater than 2.3 V, the linear dynamic range is exceeded and RatioVPC_VSC is increased; in this condition
the DRV on time is more than expected, resulting in possible negative current conduction. To ensure the VSC
voltage is within range, confirm with Equation 4 and Equation 5.
(4)
where
•
VOUT(min) is the minimum converter output operating voltage of the SR controller.
•
VOUT(max) is the maximum converter output operating voltage of the voltage at OVP.
(5)
Discrimination of ringing during DCM operation from valid primary on-time is achieved by a dynamic VPC rising
threshold and programmable blanking time. The dynamic threshold VVPC-TH is 85% typical ratio of the previous
VPC pin peak voltage. Referring to Figure 13, the VPC pin voltage is sampled after the VPC voltage is greater
than VVPCEN and VVPC-TH for t > tVPC-BLK. The function of the dynamic threshold VVPC-TH is to reject the ringing in
DCM operation from the primary conduction pulses. The dynamic threshold has an active range from the
minimum VVPCEN voltage to a maximum of 1-V clamp. The blanking time is programmable from 200 ns to 2 µs in
order to accommodate a variety of converter designs.
Refer to Figure 16 for guidance on selecting the blanking time. The blanking time should be selected as long as
reasonable and still accommodate the minimum primary on-time at light-load condition and high-line voltage. In
the high-line minimum load condition, select a blanking time that meets the following criteria (Equation 6) to
accommodate tolerance of the blanking time and the tVPC-SPL sampling time window.
tVPC-BLK = (tPRI x 0.85) – 120 ns
(6)
For rejection of DCM ringing, the blanking time should be longer than the time that the ring is above the VVPC-TH
dynamic threshold, which is 85% of the minimum SR VDS peak voltage. Determine these criteria at low line and
maximum load condition. It is recommended that the transformer turns ratio be selected such that the secondary
reflected voltage is < 85% of VIN(min) bulk capacitor voltage at the highest load when DCM operation occurs at the
low line input condition.
To determine the resistor value for tVPC-BLK use Equation 7 to select from a range of 200 ns to 2 µs.
where
•
tVPC-BLK is the target blanking time.
(7)
Additional discrimination for proper SR timing control is provided by the tOFF function. Refer to Figure 13 for the
timing details. After the DRV turn off, the DRV is inhibited from turning on again until the tOFF timer expires. This
protects against SR false turn on from SR VDS DCM ringing below ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com