Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 19Page - Texas Instruments UCC24636DBVT Datasheet HTML 20Page - Texas Instruments UCC24636DBVT Datasheet HTML 21Page - Texas Instruments UCC24636DBVT Datasheet HTML 22Page - Texas Instruments UCC24636DBVT Datasheet HTML 23Page - Texas Instruments UCC24636DBVT Datasheet HTML 24Page - Texas Instruments UCC24636DBVT Datasheet HTML 25Page - Texas Instruments UCC24636DBVT Datasheet HTML 26Page - Texas Instruments UCC24636DBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
OUT
IN
IN(min)
OUT
VPC_EN
PS
VPC_EN
OUT
PS
IN(min)
VPC_EN
R21=10k
Nominal V
, maximum power, minimum V
case
V
+V
-V
×1.1 ×R21
N
R9=
V
×1.1
V
=5 V
N
=15
V
=65 V
V
=0.45 V
R9 = 179 k
ª
º
§
·
«
»
¨
¸
¨
¸
«
»
©
¹
¬
¼
VOUT
Ns
GND
RPL
COUT
VSEC
IOUT
R9
R21
R22
R11
R23
UCC24636
VPC
DRV
GND
TBLK
VSC
VDD
23
UCC24636
www.ti.com
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.3 Calculation of Component Values
Figure 19. UCC24636 Circuit Design
For ease of understanding, Figure 19 is a modified version of Figure 15 where the component reference
designators are the same as the schematic drawing of Figure 18.
9.2.3.1 VPC Input
For designs operating in constant current (CC) with low VOUT, there are two cases to examine. At maximum
power, VIN(MIN) will be lower but VOUT is nominal. In constant current operation, VOUT is the minimum but VIN(MIN)
will be higher. Determine R9 for both conditions, and choose the lowest value.
For minimal power dissipation, select:
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com