Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 15Page - Texas Instruments UCC24636DBVT Datasheet HTML 16Page - Texas Instruments UCC24636DBVT Datasheet HTML 17Page - Texas Instruments UCC24636DBVT Datasheet HTML 18Page - Texas Instruments UCC24636DBVT Datasheet HTML 19Page - Texas Instruments UCC24636DBVT Datasheet HTML 20Page - Texas Instruments UCC24636DBVT Datasheet HTML 21Page - Texas Instruments UCC24636DBVT Datasheet HTML 22Page - Texas Instruments UCC24636DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19
UCC24636
www.ti.com
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4 Device Functional Modes
According to VDD voltage, VSC voltage, and VPC voltage and frequency, the device can operate in different
modes.
8.4.1 Start-Up
During start-up when VDD is less than VVDD(on) the device is disabled. When VDD exceeds the VVDD(on) UVLO
threshold the IDD goes to IRUN and the device begins the start sequence detailed in Start Up and UVLO.
8.4.2 Normal Operation
When VDD exceeds VVDD(on), the VPC voltage exceeds VVPC-EN and VVPC-TH, and the VSC voltage exceeds
VVSCEN the DRV output is active. If the switching frequency is above the standby criteria of > 5 kHz the device is
in normal operation determining the DRV time based on volt-sec control. IDD will be IRUN.
1. The device operates in volt-sec control based on the VPC and VSC volt-sec control ramps.
8.4.3 Standby Operation
If the number of VPC pulses is less than nENTO, 64, during tENTO the device enters standby mode. DRV operation
stops and most device functions are shut down. IDD is ISTBY during standby operation. To exit standby mode the
number of VPC pulses must exceed nEN, 32, during tEN. IDD returns to IRUN and the DRV output starts after the
initialization time as outlined in Figure 12.
8.4.4 Conditions to Stop Operation
The following conditions can disable DRV operation; IDD is IRUN during these conditions.
1. VPC overvoltage: When VVPC > VVPCDIS for >500 ns the DRV output is disabled for the cycle.
2. VSC undervoltage: When VVSC < VVSCEN, the DRV output is disabled.
3. VPC undervoltage: When VVPC< VVPCEN, the DRV output is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com