Electronic Components Datasheet Search
  English  ▼

X  

UCC24636DBVT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24636DBVT
Description  Synchronous Rectifier (SR) Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24636DBVT Datasheet(HTML) 28 Page - Texas Instruments

Back Button UCC24636DBVT Datasheet HTML 24Page - Texas Instruments UCC24636DBVT Datasheet HTML 25Page - Texas Instruments UCC24636DBVT Datasheet HTML 26Page - Texas Instruments UCC24636DBVT Datasheet HTML 27Page - Texas Instruments UCC24636DBVT Datasheet HTML 28Page - Texas Instruments UCC24636DBVT Datasheet HTML 29Page - Texas Instruments UCC24636DBVT Datasheet HTML 30Page - Texas Instruments UCC24636DBVT Datasheet HTML 31Page - Texas Instruments UCC24636DBVT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
28
UCC24636
SLUSCG2A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: UCC24636
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
In general, try to keep all high current loops as short as possible. Keep all high current/high frequency traces
away from other traces in the design. If necessary, high-frequency/high-current traces should be perpendicular to
signal traces, not parallel to them. Shielding signal traces with ground traces can help reduce noise pick up.
Always consider appropriate clearances between the high-voltage connections and any low-voltage nets.
11.1.1 VDD Pin
The VDD pin must be decoupled to GND with good quality, low ESR, low ESL ceramic bypass capacitors with
short traces to the VDD and GND pins. To eliminate high-frequency ripple current in the SR control circuit, it is
recommended to place a small value resistance of 2.2
Ω to 10 Ω between VDD and the converter output voltage.
11.1.2 VPC Pin
The trace between the resistor divider and the VPC pin should be as short as possible to reduce/eliminate
possible noise coupling. The lower resistor of the resistor divider network connected to the VPC pin should be
returned to GND with short traces. Avoid adding any significant external capacitance to the VPC pin so that there
is no delay of signal. If filtering is necessary a recommended maximum capacitance is 15 pF with a lower resistor
divider network value of 10 k
Ω. Avoid high dV/dt traces close to the VPC pin and connection trace such as the
SR MOSFET drain and DRV output.
11.1.3 VSC Pin
The trace between the resistor divider and the VSC pin should be as short as possible to reduce/eliminate
possible noise coupling. The lower resistor of the resistor divider network connected to the VSC pin should be
returned to GND with short traces. External capacitance can be added to the VSC pin for noise filtering. The
maximum capacitance consideration is a time constant of the capacitor and the resistor divider resistance that is
less than 1/4 the minimum rise time of the converter output during startup. Avoid high dV/dt traces close to the
VSC pin and connection trace such as the SR MOSFET drain and DRV output.
11.1.4 GND Pin
The GND pin is the power and signal ground connection for the controller. The effectiveness of the filter
capacitors on the signal pins depends upon the integrity of the ground return. Place all decoupling capacitors as
close as possible to the device pins with short traces. The device ground and power ground should meet at the
output bulk capacitor’s return. Try to ensure that high frequency/high current from the power stage does not go
through the signal ground.
11.1.5 TBLK Pin
The programming resistor is placed on TBLK to GND, with short traces. The value may have to be adjusted
based on the time delay required. Avoid high dV/dt traces close to the TBLK pin and connection trace such as
the SR MOSFET drain and DRV output.
11.1.6 DRV Pin
The track connected to DRV carries high dv/dt signals. Minimize noise pickup by routing the trace to this pin as
far away as possible from tracks connected to the device signal inputs, VPC, VSC, and TBLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com