Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 56 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 56 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 52Page - YAMAHA CORPORATION YMF754 Datasheet HTML 53Page - YAMAHA CORPORATION YMF754 Datasheet HTML 54Page - YAMAHA CORPORATION YMF754 Datasheet HTML 55Page - YAMAHA CORPORATION YMF754 Datasheet HTML 56Page - YAMAHA CORPORATION YMF754 Datasheet HTML 57Page - YAMAHA CORPORATION YMF754 Datasheet HTML 58Page - YAMAHA CORPORATION YMF754 Datasheet HTML 59Page - YAMAHA CORPORATION YMF754 Datasheet HTML 60Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
YMF754
June 28, 1999
-56-
4-5. AC-link
(Fig.6)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
CBCLK Cycle Time
tCBICYC
-
81.4
-
ns
CBCLK High Time
tCBIHIGH
35
40.7
45
ns
CBCLK Low Time
tCBILOW
35
40.7
45
ns
CSYNC Cycle Time
tCSYCYC
-
20.8
-
µs
CSYNC High Time
tCSYHIGH
-1.3
-
µs
CSYNC Low Time
tCSYLOW
-
19.5
-
µs
CBCLK to Signal Valid Delay
tCVAL
*13
-
-
20
ns
Output Hold Time for CBCLK
tCOH
*13
0
-
-
ns
Input Setup Time to CBCLK
tCISU
*14
15
-
-
ns
Input Hold Time for CBCLK
tCIH
*14
5
-
-
ns
Warm Reset Width
-
1.3
-
µs
Note) Top = 0-70°C, PVDD=3.3
±0.3 V, VDD=3.3±0.3 V, CVDD=2.5±0.2 V, LVDD=2.5±0.2 V, C
L=50 pF
*13: This characteristic is applicable to CSYNC and CSDO signal.
*14: This characteristic is applicable to CSDI signal.
CBCLK
SYNC
CSDI
CSDO
0.8 V
1.5 V
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
1.5 V
2.0 V
t
CBIHIGH
t
CVAL
t
CBILOW
t
CBICYC
t
CVAL
t
COH
t
CSYCYC
t
CSYHIGH
t
COH
t
CSYLOW
t
CISU
t
CIH
Fig.6: AC-link timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com