Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 47 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 47 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 43Page - YAMAHA CORPORATION YMF754 Datasheet HTML 44Page - YAMAHA CORPORATION YMF754 Datasheet HTML 45Page - YAMAHA CORPORATION YMF754 Datasheet HTML 46Page - YAMAHA CORPORATION YMF754 Datasheet HTML 47Page - YAMAHA CORPORATION YMF754 Datasheet HTML 48Page - YAMAHA CORPORATION YMF754 Datasheet HTML 49Page - YAMAHA CORPORATION YMF754 Datasheet HTML 50Page - YAMAHA CORPORATION YMF754 Datasheet HTML 51Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
YMF754
June 28, 1999
-47-
5. Hardware Volume Control
The hardware volume control determines the AC’97 master volume without using any software control using
the external circuit listed below.
Two pins, VOLUP# for increasing the volume and VOLDW# for decreasing the volume, are used.
1k
VOLDW#
VOLUP#
1k
1000p
1000p
Push SW
Push SW
DS-1E provides a shadow register for the AC’97 master volume.
When the software accesses the AC’97
master volume, it is always reflected in the shadow register.
Bringing the VOLUP# pin LOW level increments the left and right-channel shadow register by +1.5dB
respectively.
If either one of channel shadow registers have been already set to maximum value (00000b),
the corresponding channel shadow register remains in the same value, and the other channel shadow register
will only be incremented.
If both of channel shadow registers have been already set to maximum values,
they remain in the same values.
Bringing the VOLDW# pin LOW level decrements the left and right-channel shadow register by -1.5dB
respectively.
If either one of channel shadow registers have been already set to minimum value (11111b),
the corresponding channel shadow register remains in the same value, and the other channel shadow register
will only be decremented.
If both of channel shadow registers have been already set to minimum values,
they remain in the same values.
The master volume for the AC’97 is updated automatically via the AC-Link by setting corresponding values
to the shadow registers.
When both of the VOLUP# and VOLDW# pins are at LOW level at the same time, the MUTE bit of the
shadow register is enabled to automatically set the MUTE bit of the AC’97 master volume via the AC-Link.
When either one of the VOLUP# or VOLDW# pins is at LOW level, mute condition of the AC’97 is
deactivated via the AC-Link.
At this point of time, the master volume is set to the value before the mute.
When the AC-Link is busy (in case the register is controlled by the AC’97 Control Register), shadow register
values will be set to the AC’97 on the next frame.
At this time, BUSY is set at the AC’97 control register.
When the master volume is changed or muted depending on the logic level transition status of the VOLUP#
and VOLDW# pins, an interrupt is generated at the host.
The interrupt is used to notify the driver that the
master volume has been changed.
When the AC’97 is not connected or it is placed in power down mode, the shadow register values will remain
in the same even if the VOLDW# and VOLUP# pins are at LOW level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com