Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 34 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 34 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 30Page - YAMAHA CORPORATION YMF754 Datasheet HTML 31Page - YAMAHA CORPORATION YMF754 Datasheet HTML 32Page - YAMAHA CORPORATION YMF754 Datasheet HTML 33Page - YAMAHA CORPORATION YMF754 Datasheet HTML 34Page - YAMAHA CORPORATION YMF754 Datasheet HTML 35Page - YAMAHA CORPORATION YMF754 Datasheet HTML 36Page - YAMAHA CORPORATION YMF754 Datasheet HTML 37Page - YAMAHA CORPORATION YMF754 Datasheet HTML 38Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
YMF754
June 28, 1999
-34-
2-1-2. FM Synthesizer Data Register
FM Synthesizer Data Register Array 0 (R/W):
Address
D7
D6D5D4
D3D2
D1D0
00-01h
LSI TEST
02h
TIMER 1
03h
TIMER 2
04h
RST
MT1
MT2
-
-
-
ST2
ST1
08h
-
NTS
--
--
--
20-35h
(*1)
AM
VIB
EGT
KSR
MULT
40-55h
(*2)
KSL
TL
60-75h
(*3)
AR
DR
80-95h
(*4)
SL
RR
A0-A8h
F-NUM (L)
B0-B8h
-
-
KON
BLOCK
F-NUM (H)
BDh
DAM
DVB
RHY
BD
SD
TOM
TC
HH
C0-C8h
(*6)
(*6)
CHR
CHL
FB
CNT
E0-F5h
(*5)
-
---
-
WS
FM Synthesizer Data Register Array 1 (R/W)
Address
D7
D6D5D4
D3D2
D1D0
00-01h
LSI TEST
04h
-
-
CONNECTION SEL
05h
-
-
-
-
-
(*6)
(*6)
NEW
20-35h
(*1)
AM
VIB
EGT
KSR
MULT
40-55h
(*2)
KSL
TL
60-75h
(*3)
AR
DR
80-95h
(*4)
SL
RR
A0-A8h
F-NUM (L)
B0-B8h
-
-
KON
BLOCK
F-NUM (H)
C0-C8h
(*6)
(*6)
CHR
CHL
FB
CNT
E0-F5h
(*5)
-
---
-
WS
*1 : 26h, 27h, 2Eh and 2Fh do not exist.
*2 : 46h, 47h, 4Eh and 4Fh do not exist.
*3 : 66h, 67h, 6Eh and 6Fh do not exist.
*4 : 86h, 87h, 8Eh and 8Fh do not exist.
*5 : E6h, E7h, EEh and EFh do not exist.
*6 : The bits exist, but do not function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com