Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 19 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 19 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 15Page - YAMAHA CORPORATION YMF754 Datasheet HTML 16Page - YAMAHA CORPORATION YMF754 Datasheet HTML 17Page - YAMAHA CORPORATION YMF754 Datasheet HTML 18Page - YAMAHA CORPORATION YMF754 Datasheet HTML 19Page - YAMAHA CORPORATION YMF754 Datasheet HTML 20Page - YAMAHA CORPORATION YMF754 Datasheet HTML 21Page - YAMAHA CORPORATION YMF754 Datasheet HTML 22Page - YAMAHA CORPORATION YMF754 Datasheet HTML 23Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
YMF754
June 28, 1999
-19-
b[7:6] ..........SDMA: Sound Blaster DMA-8 Channel Select
These bits select the DMA channel for the Sound Blaster Pro block.
“0”:
DMA ch0
“1”:
DMA ch1
(default)
“2”:
reserved
“3”:
DMA ch3
b[10:8] ........SBIRQ: Sound Blaster IRQ Channel Select
These bits select the interrupt channel for the Sound Blaster Pro block.
“0”:
IRQ5
(default)
“1”:
IRQ7
“2”:
IRQ9
“3”:
IRQ10
“4”:
IRQ11
“5” - “7”:
reserved.
b[13:11] ......MPUIRQ: MPU401 IRQ Channel Select
When MIEN is set to “1”, these bits select the interrupt channel for the MPU401 block.
“0”:
IRQ5
“1”:
IRQ7
“2”:
IRQ9
(default)
“3”:
IRQ10
“4”:
IRQ11
“5” - “7”:
reserved
Same interrupt channels can be assigned to SBIRQ and MPUIRQ.
b14..............SIEN: Serialized IRQ enable
DS-1E supports 3 types of interrupt protocols: PCI interrupt (INTA#), Legacy interrupt (IRQs) and
Serialized IRQ.
The interrupt protocol is selected with IMOD and SIEN as follows.
The interrupt channels for IRQs and Serialized IRQ are determined by SBIRQ and MPUIRQ,.
Only one
protocol can be used at once.
SIEN
IMOD
Interrupt protocol
0
0
Legacy interrupt (IRQs)
(default)
0
1
PCI interrupt (INTA#)
1
0
Serialized IRQ
1
1
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com