Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 40 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 40 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 36Page - YAMAHA CORPORATION YMF754 Datasheet HTML 37Page - YAMAHA CORPORATION YMF754 Datasheet HTML 38Page - YAMAHA CORPORATION YMF754 Datasheet HTML 39Page - YAMAHA CORPORATION YMF754 Datasheet HTML 40Page - YAMAHA CORPORATION YMF754 Datasheet HTML 41Page - YAMAHA CORPORATION YMF754 Datasheet HTML 42Page - YAMAHA CORPORATION YMF754 Datasheet HTML 43Page - YAMAHA CORPORATION YMF754 Datasheet HTML 44Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
YMF754
June 28, 1999
-40-
F1h: Scan In/ Out Data
Read / Write
Default: 00h
b7
b6
b5
b4
b3
b2
b1
b0
SCAN DATA
b[7:0] ..........SCAN DATA
This is the data port for reading and writing the internal state.
F2h: Current FM Synthesizer Index
Read Only
Default: 00h
b7
b6
b5
b4
b3
b2
b1
b0
Current FM Synthesizer Index
b[7:0] ..........Current FM Synthesizer Index
This register indicates current index of the FM Synthesizer.
F3h: Current FM Synthesizer Array
Read Only
Default: 00h
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
-
CFA
b0................CFA: Current FM Synthesizer Arary
This bit indicates that the FM Synthesizer array is being currently set to Array 0 or 1.
“0”: Array 0
(default)
“1”: Array 1
F4h: FM Synthesizer / MPU401 Status
Read Only
Default: 80h
b7
b6
b5
b4
b3
b2
b1
b0
FFEMP FFFUL
-
-
-
-
-
MPUS
b0................MPUS: MPU401 Status
This bit indicates current MPU401 status.
“0”: Default mode (Intelligent mode)
(default)
“1”: UART mode
b6................FFFUL: FM Synthesizer FIFO Full
This bit indicates whether or not FIFO followed by the FM Synthesizer is full.
“0”: not Full
(default)
“1”: Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com