Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 12 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 12 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 8Page - YAMAHA CORPORATION YMF754 Datasheet HTML 9Page - YAMAHA CORPORATION YMF754 Datasheet HTML 10Page - YAMAHA CORPORATION YMF754 Datasheet HTML 11Page - YAMAHA CORPORATION YMF754 Datasheet HTML 12Page - YAMAHA CORPORATION YMF754 Datasheet HTML 13Page - YAMAHA CORPORATION YMF754 Datasheet HTML 14Page - YAMAHA CORPORATION YMF754 Datasheet HTML 15Page - YAMAHA CORPORATION YMF754 Datasheet HTML 16Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
YMF754
June 28, 1999
-12-
b6................PER: Parity Error Response
This bit enables DS-1E responses to Parity Error.
“0”: DS-1E ignores all parity errors.
(default)
“1”: DS-1E performs error operation when DS-1E detects a parity error.
b8................SER: SERR# Enable
This bit enables DS-1E to drive SERR#.
“0”: Do not drive SERR#.
(default)
“1”: Drives SERR# when DS-1E detects an Address Parity Error on normal target cycle or a Data Parity
Error on special cycle.
06-07h: Status
Read / Write Clear
Default: 0210h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
DPE
SSE
RMA
RTA
STA
DEVT
DPD
-
-
-
CAP
-
-
-
-
b4................CAP: Capability
(Read Only)
This bit indicates that DS-1E supports the capability register.
This bit is read only.
When 58-59h :
ACPI Mode register, ACPI bit is “0”, the bit is “1”. When ACPI bit is “1”, the bit is “0”.
b8................DPD: Data Parity Error Detected
This bit indicates that DS-1E detects a Data Parity Error during a PCI master cycle.
b[10:9] ........DEVT: DEVSEL Timing
(Read Only)
This bit indicates that the decoding speed of DS-1E is Medium.
b11..............STA: Signaled Target Abort
This bit indicates that DS-1E terminates a transaction with Target Abort during a target cycle.
b12..............RTA: Received Target Abort
This bit indicates that a transaction is terminated with Target Abort while DS-1E is in the master memory
cycle.
b13..............RMA: Received Master Abort
This bit indicates that a transaction is terminated with Master Abort while DS-1E is in the master memory
cycle.
b14..............SSE: Signaled System Error
This bit indicates that DS-1E asserts SERR#.
b15..............DPE: Detected Parity Error
This bit indicates that DS-1E detects Address Parity Error or Data Parity Error during a transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com