Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 37 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 37 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 33Page - YAMAHA CORPORATION YMF754 Datasheet HTML 34Page - YAMAHA CORPORATION YMF754 Datasheet HTML 35Page - YAMAHA CORPORATION YMF754 Datasheet HTML 36Page - YAMAHA CORPORATION YMF754 Datasheet HTML 37Page - YAMAHA CORPORATION YMF754 Datasheet HTML 38Page - YAMAHA CORPORATION YMF754 Datasheet HTML 39Page - YAMAHA CORPORATION YMF754 Datasheet HTML 40Page - YAMAHA CORPORATION YMF754 Datasheet HTML 41Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
YMF754
June 28, 1999
-37-
2-2-2. Sound Blaster Pro Mixer
The following shows the register map of the Mixer section of Sound Blaster Pro.
Address
b7b6
b5b4b3
b2b1b0
Remark
00h
Reset
04h
Voice Volume L
"1"
Voice Volume R
"1"
0Ah
-
-
-
"1"
-
MIC Volume*
0Ch
-
-
Ifilter*
"1"
Input Source*
"1"
0Eh
-
-
Ofilter*
"1"
-
-
St. SW
"1"
22h
Master Volume L
"1"
Master Volume R
"1"
26h
MIDI Volume L
"1"
MIDI Volume R
"1"
28h
CD Volume L*
"1"
CD Volume R*
"1"
2Eh
Line Volume L*
"1"
Line Volume R*
"1"
SB Pro Mixer
F0h
SBPDA
-
-
-
SS
SM
SE
SBPDR
F1h
SCAN
DATA
F2h
Current FM Synthesizer Index
F3h
-
-
-
-
-
-
-
CFA
F4h
FFEMP
FFFUL
-
-
-
-
-
MPUS
Suspend / Resume
F8h
-
-
-
-
-
-
-
SBI
IRQ Status
The registers marked with * exist, but do not function.
DS-1E does not have the circuit that corresponds to the SB Mixer.
Therefore, the volume settings on the
SB Mixer are converted to the DSP coefficients of DS-1E or to AC’97 register values.
The conversion for each case is described below.
(1) SB Mixer
® DSP
The volume of master, MIDI and Voice, are applied to this case.
When the SB register is set, a 14-bit coefficient value is determined from the following conversion table
and used as the DSP coefficient.
The attenuation value of Master Volume, MIDI, and voice are summed
together to obtain the coefficient.
These volumes cannot be controlled from PCI Audio block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com