Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 1 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 1 Page - YAMAHA CORPORATION

  YMF754 Datasheet HTML 1Page - YAMAHA CORPORATION YMF754 Datasheet HTML 2Page - YAMAHA CORPORATION YMF754 Datasheet HTML 3Page - YAMAHA CORPORATION YMF754 Datasheet HTML 4Page - YAMAHA CORPORATION YMF754 Datasheet HTML 5Page - YAMAHA CORPORATION YMF754 Datasheet HTML 6Page - YAMAHA CORPORATION YMF754 Datasheet HTML 7Page - YAMAHA CORPORATION YMF754 Datasheet HTML 8Page - YAMAHA CORPORATION YMF754 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
YMF754
DS-1E
YAMAHA CORPORATION
December 18, 1998
YMF754 CATALOG
CATALOG No.:LSI-4MF754A00
June 28, 1999
Preliminary
OVERVIEW
YMF754 (DS-1E) is a high performance audio controller for the PCI Bus.
DS-1E consists of two separated
functional blocks.
One is the PCI Audio block and the other is the Legacy Audio block.
PCI Audio block provides 64-voice XG wavetable synthesizer with reverb and variation by using the software
driver from YAMAHA.
It also supports DirectSound hardware accelerator, Downloadable Sound (DLS) and
DirectMusic accelerator.
Legacy Audio block supports FM synthesizer, Sound Blaster Pro, MPU401 UART mode and Joystick function
in order to provide hardware compatibility for numerous PC games on real DOS without any software driver.
DS-1E supports the connection to AC’97 which provides high quality DAC, ADC and analog mixer, and it can
connect two AC’97s.
In addition, it supports consumer IEC958, Digital Audio Interface (SPDIF In/Out), to
connect external audio equipment by digital.
In addition to support the same functions of YMF744B (DS-1S), DS-1E adds direct recording function for
SPDIF In, and realizes to use SPDIF In and Zoomed Video Port at the same time.
And, DS-1E is featured
with the capability of dramatically reducing power consumption at normal operation.
FEATURES
• PCI 2.2 Compliant
• PC98 / PC99 specification Compliant
• PCI Bus Power Management rev. 1.0 Compliant
(Support D0, D2 and D3 state)
• Supports clock run
• PCI Bus Master for PCI Audio
True Full Duplex Playback and Capture with
different Sampling Rate
Maximum 64-voice XG capital Wavetable
Synthesizer including GM compatibility
DirectSound Hardware Acceleration
DirectMusic Hardware Acceleration
Downloadable Sound (DLS) level-1
• Legacy Audio compatibility
FM Synthesizer
Hardware Sound Blaster Pro compatibility
MPU401 UART mode MIDI interface
Joystick
• Supports PC/PCI and Distributed DMA for legacy
DMAC (8237) emulation
• Supports Serialized IRQ
• Supports I
2S serial input for Zoomed Video Port
• Supports Consumer IEC958 Port (SPDIF In/Out)
• Supports direct recording function for SPDIF In
• Capability for using SPDIF In and Zoomed Video
Port at the same time.
• Supports AC’97 Interface (AC-Link) Revision 2.1
• AC’97 Digital Docking
• Supports 4-Channel Speaker
• Hardware Volume Control
• EEPROM Interface
• Single Crystal operation (24.576MHz)
• Power supply: 3.3V for I/O (5V tolerant),
2.5V for Internal core logic
• 128-pin LQFP
YMF754-V : 0.5mm pin pitch
YMF754-R : 0.4mm pin pitch
The contents of this catalog are target specifications and are subject to change
without prior notice. When using this device, please recheck the specifications.


Similar Part No. - YMF754

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
YMF752-S YAMAHA-YMF752-S Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
AC97 Revision2.2 Audio CODEC with Digital Audio I/F
More results

Similar Description - YMF754

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDS1E-3-01 RICHCO-LEDS1E-3-01 Datasheet
77Kb / 1P
LED SPACERS (TYPE 1E)
logo
NEC
R110D-1E NEC-R110D-1E Datasheet
896Kb / 2P
Powerful entry rack server NEC Express5800/R110d-1E
logo
OmniVision Technologies...
OV2715-1E OMNIVISION-OV2715-1E Datasheet
1Mb / 2P
OV2715-1E full HD (1080p) product brief
logo
PHOENIX CONTACT
1105707 PHOENIX-1105707 Datasheet
760Kb / 21P
Interface converters - GW PN/MODBUS 1E/1DB9
Dec 2, 2022
1105708 PHOENIX-1105708 Datasheet
762Kb / 21P
Interface converters - GW PN/MODBUS 1E/2DB9
Dec 2, 2022
1021058 PHOENIX-1021058 Datasheet
762Kb / 21P
Interface converters - GW PN/ASCII 1E/2DB9
Dec 2, 2022
1021080 PHOENIX-1021080 Datasheet
761Kb / 21P
Interface converters - GW PN/ASCII 1E/1DB9
Dec 2, 2022
1062423 PHOENIX-1062423 Datasheet
709Kb / 19P
Interface converters - GW EIP/MODBUS 1E/2DB9
Dec 2, 2022
1108712 PHOENIX-1108712 Datasheet
313Kb / 10P
Interface converters - GW PN/DP 1E/1DB9
Dec 2, 2022
logo
TRACO Electronic AG
TEA1E TRACOPOWER-TEA1E Datasheet
2Mb / 3P
TEA 1E Series, 1 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com