Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 48 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 48 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 44Page - YAMAHA CORPORATION YMF754 Datasheet HTML 45Page - YAMAHA CORPORATION YMF754 Datasheet HTML 46Page - YAMAHA CORPORATION YMF754 Datasheet HTML 47Page - YAMAHA CORPORATION YMF754 Datasheet HTML 48Page - YAMAHA CORPORATION YMF754 Datasheet HTML 49Page - YAMAHA CORPORATION YMF754 Datasheet HTML 50Page - YAMAHA CORPORATION YMF754 Datasheet HTML 51Page - YAMAHA CORPORATION YMF754 Datasheet HTML 52Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
YMF754
June 28, 1999
-48-
6. Digital Audio Interface
DS-1E supports each system of the SPDIF input/output port compliant with the IEC958 specification.
6-1. SPDIF IN
SPDIF input sampling frequency is 32.0kHz, 44.1kHz or 48.0kHz.
In DS-1E, sampling rate of the SPDIF signal incoming from the SPDIFIN pin is converted to 48.0kHz in the
frequency rate conversion stage in order to process all the signals at 48.0kHz frequency.
If input sampling
frequency is 48.0kHz, however, this is resampled at 96.0kHz, then decimated into 48.0kHz frequency.
DS-1E supports a direct recording function which records by input sampling rate of the SPDIFIN pin without
converting to 48kHz.
The input signal applied to the SPDIFIN pin can be also provided as outputs to the SPDIFOUT pin.
The SPDIF input is used to be selected between Zoomed Video Port on YMF744B (DS-1S).
However, on
DS-1E, the both functions can be used at the same time.
6-2. SPDIF OUT
SPDIF output is selected from three types of data indicated below:
A : Dolby digital (AC-3) encoded data
B : Output data (to be provided to the DAC slot on the AC-link) after digital mixing
C : Input data applied to the SPDIFIN pin
When the above A and B data are supplied as outputs, output sampling frequency is fixed at 48 kHz, and
when the above C data is supplied as an output, output sampling frequency is dependent on the frequency
available from the SPDIFIN input pin.
Control and category codes of the channel status are provided as sampling rate converter, copyright
protection available and commercially available recorded software in accordance with the serial copy
management system.
Such a code arrangement allows output data to be digitally copied only to the next
generation ones.
When input signal to the SPDIFIN pin is provided as output, no modification is made for
the channel status, etc., and output data is code-dependent available from the SPDIFIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com