Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 17 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 17 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 13Page - YAMAHA CORPORATION YMF754 Datasheet HTML 14Page - YAMAHA CORPORATION YMF754 Datasheet HTML 15Page - YAMAHA CORPORATION YMF754 Datasheet HTML 16Page - YAMAHA CORPORATION YMF754 Datasheet HTML 17Page - YAMAHA CORPORATION YMF754 Datasheet HTML 18Page - YAMAHA CORPORATION YMF754 Datasheet HTML 19Page - YAMAHA CORPORATION YMF754 Datasheet HTML 20Page - YAMAHA CORPORATION YMF754 Datasheet HTML 21Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
YMF754
June 28, 1999
-17-
3Ch: Interrupt Line
Read / Write
Default: 00h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Interrupt Line
b[7:0] ..........Interrupt Line
This register indicates the interrupt channel that INTA# is assigned to.
3Dh: Interrupt Pin
Read Only
Default: 01h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Interrupt Pin
b[7:0] ..........Interrupt Pin
DS-1E supports INTA# only.
This register is hardwired to 01h.
3Eh: Minimum Grant
Read Only
Default: 05h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Minimum Grant
b[7:0] ..........Minimum Grant
This register indicates the length of the burst period required by DS-1E.
This register is hardwired to 05h.
3Fh: Maximum Latency
Read Only
Default: 19h
Access Bus Width: 8, 16, 32-bit
b7
b6
b5
b4
b3
b2
b1
b0
Maximum Latency
b[7:0] ..........Maximum Latency
This register indicates how often DS-1E generates the Bus Master Request.
This register is hardwired to 19h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com