Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 53 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 53 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 49Page - YAMAHA CORPORATION YMF754 Datasheet HTML 50Page - YAMAHA CORPORATION YMF754 Datasheet HTML 51Page - YAMAHA CORPORATION YMF754 Datasheet HTML 52Page - YAMAHA CORPORATION YMF754 Datasheet HTML 53Page - YAMAHA CORPORATION YMF754 Datasheet HTML 54Page - YAMAHA CORPORATION YMF754 Datasheet HTML 55Page - YAMAHA CORPORATION YMF754 Datasheet HTML 56Page - YAMAHA CORPORATION YMF754 Datasheet HTML 57Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
YMF754
June 28, 1999
-53-
4. AC Characteristics
4-1. Master Clock
(Fig.1)
Item
Symbol
Min.
Typ.
Max.
Unit
XI24 Cycle Time
tXICYC
-
40.69
-
ns
XI24 High Time
tXIHIGH
13
-
24
ns
XI24 Low Time
tXILOW
13
-
24
ns
Note : Top = 0-70°C, PVDD=3.3
±0.3 V, VDD=3.3±0.3 V, CVDD=2.5±0.2 V, LVDD=2.5±0.2 V
t
XI24
XICYC
t
XIHIGH
1.0 V
1.65 V
2.3 V
t
XILOW
Fig.1: XI24 Master Clock timing
4-2. Reset
(Fig.2)
Item
Symbol
Min.
Typ.
Max.
Unit
Reset Active Time after Power Stable
tRST
1-
-
ms
Power Stable to Reset Rising Edge
tRSTOFF
10
-
-
ms
Reset Slew Rate
-
50
-
-
mV/ns
Note : Top = 0-70°C, PVDD=3.3
±0.3 V, VDD=3.3±0.3 V, CVDD=2.5±0.2 V, LVDD=2.5±0.2 V, C
L=50 pF
RST#
CVDD, LVDD
PVDD, VDD
2.3 V
3.0 V
0.8 V
t
RST
t
RSTOFF
Fig.2: PCI Reset timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com