Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 52 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 52 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 48Page - YAMAHA CORPORATION YMF754 Datasheet HTML 49Page - YAMAHA CORPORATION YMF754 Datasheet HTML 50Page - YAMAHA CORPORATION YMF754 Datasheet HTML 51Page - YAMAHA CORPORATION YMF754 Datasheet HTML 52Page - YAMAHA CORPORATION YMF754 Datasheet HTML 53Page - YAMAHA CORPORATION YMF754 Datasheet HTML 54Page - YAMAHA CORPORATION YMF754 Datasheet HTML 55Page - YAMAHA CORPORATION YMF754 Datasheet HTML 56Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
YMF754
June 28, 1999
-52-
3. DC Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
High Level Input Voltage 1
VIN
-0.5
-
5.75
V
High Level Input Voltage 1
VIH1
*1
0.5VDD3
--
V
Low Level Input Voltage 1
VIL1
*1
-
-
0.3VDD3
V
High Level Input Voltage 2
VIH2
*2
0.7VDD3
--
V
Low Level Input Voltage 2
VIL2
*2
-
-
0.3VDD3
V
High Level Input Voltage 3
VIH3
*3
0.65VDD3
--
V
Low Level Input Voltage 3
VIL3
*3
-
-
0.35VDD3
V
High Level Input Voltage 4
VIH4
*4
2.0
-
-
V
Low Level Input Voltage 4
VIL4
*4
-
-
0.8
V
Input Leakage Current
IIL
0< VIN < VDD5
-10
-
10
µA
High Level Output Voltage 1
VOH1
*5, IOH1 = -0.5mA
0.9VDD3
--
V
Low Level Output Voltage 1
VOL1
*5, IOL1 = 1.5mA
-
-
0.1VDD3
V
High Level Output Voltage 2
VOH2
*6, IOH2 = -100µA
0.8VDD3
--
V
Low Level Output Voltage 2
VOL2
*6, IOL2 = 300µA
-
-
0.2VDD3
V
High Level Output Voltage 3
VOH3
*7, IOH3 = -2.0mA
0.9VDD3
--
V
Low Level Output Voltage 3
VOL3
*7, IOL3 = 6.0mA
-
-
0.1VDD3
V
High Level Output Voltage 4
VOH4
*8, IOH4 = -0.5mA
2.4
-
-
V
Low Level Output Voltage 4
VOL4
*8, IOL4 = 1.5mA
-
-
0.4
V
High Level Output Voltage 5
VOH5
*9, IOH5 = -1.5mA
2.4
-
-
V
Low Level Output Voltage 5
VOL5
*9, IOL5 = 4.5mA
-
-
0.4
V
Input Pin Capacitance
CIN
5
-
15
pF
Clock Pin Capacitance
CCLK
5
-
15
pF
IDSEL Pin Capacitance
CIDSEL
5
-
15
pF
Output Leakage Current
IOL
-10
-
10
µA
Normal
-
75
100
mA
Power Supply Current
Power Save (*10)
-
TBD
TBD
mA
Note : Top = 0~70°C, PVDD=3.3
±0.3[V], VDD=3.3±0.3[V], CVDD=2.5±0.2[V], LVDD=2.5±0.2[V]
*1: Applicable to all PCI Iuput/Output pins and Iunput pins.
*2: Applicable to XI24 pin.
*3: Applicable to CBCLK, CSDI0 and CSDI1 pins.
*4: Applicable to ZVBCLK, ZVLRCK, ZVSDI, GP[7:4], RXD, VOLUP#, VOLDW#, GPIO[2:0], DOCKEN#,
ROMDI, SPDIFIN and TEST# pins.
*5: Applicable to all PCI Input/Output pins and output pins.
*6: Applicable to XO24 pin.
*7: Applicable to CRST#, CSYNC, CSDO and CMCLK pins.
*8: Applicable to SPDIFOUT, ROMSK, ROMDO, ROMCS, GPIO[2:0] and TXD pins.
*9: Applicable to IRQ5, IRQ7, IRQ9, IRQ10 and IRQ11 pins.
*10: All DS-1E Power Control bits are set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com