Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 7 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 7 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 3Page - YAMAHA CORPORATION YMF754 Datasheet HTML 4Page - YAMAHA CORPORATION YMF754 Datasheet HTML 5Page - YAMAHA CORPORATION YMF754 Datasheet HTML 6Page - YAMAHA CORPORATION YMF754 Datasheet HTML 7Page - YAMAHA CORPORATION YMF754 Datasheet HTML 8Page - YAMAHA CORPORATION YMF754 Datasheet HTML 9Page - YAMAHA CORPORATION YMF754 Datasheet HTML 10Page - YAMAHA CORPORATION YMF754 Datasheet HTML 11Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
YMF754
June 28, 1999
-7-
6. Power Supply (22-pin)
Name
I/O
Type
Size
Function
PVDD[3:0]
-
-
-
3.3V Power supply for PCI Bus Interface
PVSS[6:0]
-
-
-
Ground for PCI Bus Interface
CVDD[2:0]
-
-
-
2.5V Power supply for Core logic
VDD[2:0]
-
-
-
3.3V Power supply
VSS[2:0]
-
-
-
Ground
LVDD
-
-
-
2.5V Power supply for PLL Filter
LVSS
-
-
-
Ground for PLL Filter
7. Reserve Pin (13-pin)
Name
I/O
Type
Size
Function
RESERV[12:0]
-
-
-
Reserve pins (Do not connect externally.)
TYPE
T : TTL
A : Analog
Ptr : Tri-State PCI
Ttr : Tri-State TTL
C : CMOS
Pstr : Sustained Tri-Sate PCI
Tup : Pull up (Max. 300kohm) TTL
P : PCI
Pod : Open Drain PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com