Electronic Components Datasheet Search
  English  ▼

X  

YMF754 Datasheet(PDF) 6 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 6 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 2Page - YAMAHA CORPORATION YMF754 Datasheet HTML 3Page - YAMAHA CORPORATION YMF754 Datasheet HTML 4Page - YAMAHA CORPORATION YMF754 Datasheet HTML 5Page - YAMAHA CORPORATION YMF754 Datasheet HTML 6Page - YAMAHA CORPORATION YMF754 Datasheet HTML 7Page - YAMAHA CORPORATION YMF754 Datasheet HTML 8Page - YAMAHA CORPORATION YMF754 Datasheet HTML 9Page - YAMAHA CORPORATION YMF754 Datasheet HTML 10Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
YMF754
June 28, 1999
-6-
3. External Audio Interface (5-pin)
Name
I/O
Type
Size
Function
SPDIFOUT
O
T
2mA
Digital Audio Interface output
SPDIFIN
I
Tup
-
Digital Audio Interface input
ZVBCLK
I
Tup
-
Zoomed Video Port
Bit Clock
ZVLRCK
I
Tup
-
Zoomed Video Port
L/R Clock
ZVSDI
I
Tup
-
Zoomed Video Port
Serial Data
4. Legacy Device Interface (15-pin)
Name
I/O
Type
Size
Function
IRQ5
O
Ttr
6mA
Interrupt 5 of Legacy Audio
It is directly connected to the interrupt signal of
System I/O chip.
IRQ7
O
Ttr
6mA
Interrupt 7 of Legacy Audio
IRQ9
O
Ttr
6mA
Interrupt 9 of Legacy Audio
IRQ10
O
Ttr
6mA
Interrupt 10 of Legacy Audio
IRQ11
O
Ttr
6mA
Interrupt 11 of Legacy Audio.
GP[3:0]
I
A
-
Joystick Port
GP[7:4]
I
Tup
-
Joystick Port
RXD
I
Tup
-
MIDI Data Receive
TXD
O
T
2mA
MIDI Data Transfer
5. Miscellaneous (11-pin)
Name
I/O
Type
Size
Function
ROMCS
O
T
2mA
Chip select for external EEPROM
ROMSK / VOLUP#
IO
Tup
2mA
Serial clock for external EEPROM
or Hardware Volume (Up)
ROMDO / VOLDW#
IO
Tup
2mA
Serial data output for external EEPROM
or Hardware Volume (Down)
ROMDI
I
Tup
-
Serial data input for external EEPROM
XI24
I
C
-
24.576 MHz Crystal
XO24
O
C
-
24.576 MHz Crystal
LOOPF
I
A
-
Capacitor for PLL
GPIO[2:0]
IO
Tup
6mA
General purpose Input / Output
GPIO2 can use for a reset pin of Secondary AC’97.
TEST#
I
Tup
-
LSI Test pin (Do not connect externally.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com