Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 25Page - National Semiconductor (TI) DP83266VF Datasheet HTML 26Page - National Semiconductor (TI) DP83266VF Datasheet HTML 27Page - National Semiconductor (TI) DP83266VF Datasheet HTML 28Page - National Semiconductor (TI) DP83266VF Datasheet HTML 29Page - National Semiconductor (TI) DP83266VF Datasheet HTML 30Page - National Semiconductor (TI) DP83266VF Datasheet HTML 31Page - National Semiconductor (TI) DP83266VF Datasheet HTML 32Page - National Semiconductor (TI) DP83266VF Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
The MACSI device provides the ability to group incoming
frames and then generate interrupts (via attentions) at
group boundaries To group incoming frames the MACSI
device defines status breakpoints which identify the end of
a group (burst) of related frames Status breakpoints can be
enabled to generate an attention
The breakpoints for Indicate Channels are defined by the
host in the Indicate Mode Indicate Notify and Indicate
Threshold registers Status breakpoints include Channel
change receipt of a token SA change DA change MAC
Info change or a user-specified number of frames have
been copied on a particular Indicate Channel
Status breakpoint generation may be individually enabled
for Indicate Channels 1 and 2 by setting the corresponding
Breakpoint bits (Breakpoint on Burst End Breakpoint on
Service Opportunity and Breakpoint on Threshold) in the
Indicate Mode Register and enabling the breakpoints to
generate an attention by setting the corresponding Break-
point bit in the Indicate Notify Register
When an Indicate exception occurs the current frame is
marked complete status is written into an IDUDLast and
the Channel’s Exception (EXC) bit in the Indicate Attention
Register is set
When an Indicate error (other than a parity error) is detect-
ed the Error (ERR) bit in the State Attention Register is set
The host must reset the INSTOP Attention bit to restart pro-
cessing
When parity checking is enabled and a parity error is detect-
ed in a received frame it is recorded in the Indicate Status
field of the IDUD and the Ring Engine Parity Error (REPE)
bit in the Status Attention Register is set
A frame which is stripped after the fourth byte of the Infor-
mation Field (this may occur because an upstream station
detected an error within the frame) will be copied to memory
but the status will show that the frame was stripped
622 Request Operation
The Request Block transmits frames from host memory to
the Ring Engine Data is presented to the Ring Engine as a
byte stream
The Request Block performs the following functions
 Prioritizes active requests to transmit frames
 Requests the Ring Engine to obtain a token
 Transmits frames to the Ring Engine
 Writes status for transmitted and returning frames
 Issues interrupts to the host on user-defined group
boundaries
The Request Machine processes requests by first reading
Request Descriptors from the REQ Queue and then assem-
bling frames of the specified service class Frame Control
(FC) and expected status for transmission to the Ring En-
gine Request and ODUD Descriptors are checked for con-
sistency and the Request Class is checked for compatibility
with the current ring state When an inconsistency or incom-
patibility is detected the request is aborted
When a consistency failure occurs the Request is terminat-
ed and a Confirmation Descriptor (CNF) with the appropriate
status is generated The Request Machine then locates the
end of the current object (REQ or ODUD) If the current
Descriptor is not the end (Last bit not set) the Request
Machine will fetch subsequent Descriptors until it detects
the end and then resume processing with the next Descrip-
torFirst or DescriptorOnly
Requests are processed on both Request Channels simul-
taneously Their interaction is determined by their priorities
(Request Channel 0 has higher priority than Request Chan-
nel 1) and the Hold and PreemptPrestage bits in the Re-
quest Channel’s Request Configuration Register An active
Request Channel 0 is always serviced first and may be pro-
grammed to preempt Request Channel 1 such that uncom-
mitted Request Channel 1’s data already in the request
FIFO will be purged and then refetched after servicing Re-
quest Channel 0 When prestaging is enabled the next
frame is staged before the token arrives Prestaging is al-
ways enabled for Request Channel 0 and is a programma-
ble option on Request Channel 1 The MACSI device will
process at most one Request per Channel per Service Op-
portunity
The MACSI device contains an option bit which controls the
timing of Token capture This bit is the Early Token Request
bit (ETR) which is in R0CR1 (for Request Channel 0) and
R1CR1 (for Request Channel 1) When the ETR bit is dis-
abled for a channel the MACSI device will fetch a Request
descriptor and then fetch the first ODUD and begin filling
the transmit FIFO for that channel When the FIFO thresh-
old is reached (R0CR0TT or R1CR0TT) the MACSI device
presents a Request Class to the Ring Engine which causes
the Ring Engine to capture a Token of the specified class
When the ETR bit is enabled a REQFirst is loaded the
Request Machine commands the Ring Engine to capture a
token of the type specified in the REQ Descriptor and con-
currently fetches the first ODUD This mode is useful for
systems which need tight control of the Token capture tim-
ing (eg systems using Synchronous traffic) Note that use
of the Early Token Request mechanism may under certain
circumstances waste ring bandwidth (ie
holding the To-
ken while filling the FIFO) Therefore it should be enabled
only in those systems where the feature is specifically re-
quired
If prestaging is enabled or a Service Opportunity exists for
this Request Channel data from the first ODU is loaded into
the Request FIFO and the MACSI device requests trans-
mission from the Ring Engine When the Ring Engine has
captured the appropriate token and the frame is committed
to transmission (the FIFO threshold has been reached or
the end of the frame is in the FIFO) transmission begins
The MACSI device fetches the next ODUD and starts load-
ing the ODUs of the next frame into the FIFO This contin-
ues (across multiple service opportunities if required) until
all frames for that Request have been transmitted (ie an
REQONLY or an REQLAST is detected) or an exception or
error occurs which prematurely ends the Request
The MACSI device will load REQ Descriptors as long as the
RQSTOP bit in the State Attention Register is Zero the
REQ Queue contains valid entries (the REQ Queue Pointer
Register does not exceed the REQ Queue Limit Register)
and there is space in the CNF Queue (the MACSI device
has not detected equality of the CNF Queue Pointer Regis-
ter and the CNF Queue Limit Register)
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com