Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 46Page - National Semiconductor (TI) DP83266VF Datasheet HTML 47Page - National Semiconductor (TI) DP83266VF Datasheet HTML 48Page - National Semiconductor (TI) DP83266VF Datasheet HTML 49Page - National Semiconductor (TI) DP83266VF Datasheet HTML 50Page - National Semiconductor (TI) DP83266VF Datasheet HTML 51Page - National Semiconductor (TI) DP83266VF Datasheet HTML 52Page - National Semiconductor (TI) DP83266VF Datasheet HTML 53Page - National Semiconductor (TI) DP83266VF Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 152 page
background image
70 Control Information (Continued)
System Interface Registers
TABLE 7-8 System Interface Registers
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
Read
Write
100
SIMR0
SMLB
SMLQ
VIRT
BIGEND
FLOW
MRST
FABCLK
TEST
Always
Always
101
SIMR1
AB
A31 AB
A30 AB
A29 AB
A28
ATM
ASM
RES
EAM
Always
Always
102
PCAR
BP1
BP0
PTRW
A4
A3
A2
A1
A0
Always
Always
103
MBAR
Mailbox Address 2724
2316
158
70
Always
Always
104
MAR
STA
NSA
SVA
RQA
INA
RES
RES
RES
Always
Ignored
105
MNR
STAN
NSAN
SVAN
RQAN
INAN
RES
RES
RES
Always
Always
106
STAR
ERR
BPE
CPE
CWI
CMDE
SPSTOP
RQSTOP
INSTOP Always
Conditional
107
STNR
ERRN
BPEN
CPEN
CWIN
CMDEN SPSTOPN RQSTOPN INSTOPN Always
Always
108
SAR
RES
RES
RES
RES
ABR0
ABR1
LMOP
PTOP
Always
Conditional
109
SNR
RES
RES
RES
RES
ABR0N
ABR1N
LMOPN
PTOPN Always
Always
10A
NSAR
NSR0
NSR1
LDI0
NSI0
LDI1
NSI1
LDI2
NSI2
Always
Conditional
10B
NSNR
NSR0N
NSR1N
LDI0N
NSI0N
LDI1N
NSI1N
LDI2N
NSI2N
Always
Always
10C
LAR
LRA3
LRA2
LRA1
LRA0
LMRW
RES
RES
LRD8
Always
Always
10D
LDR
LRD7
LRD6
LRD5
LRD4
LRD3
LRD2
LRD1
LRD0
Always
Always
10E
RAR
USRR0
RCMR0
EXCR0
BRKR0
USRR1
RCMR1
EXCR1
BRKR1 Always
Conditional
10F
RNR
USRR0N RCMR0N EXCR0N BRKR0N USRR1N RCMR1N
EXCR1N
BRKR1N Always
Always
110
R0CR0
TT1
TT0
PRE
HLD
FCT
SAT
VST
FCS
Always
Always
111
R1CR0
TT1
TT0
PRE
HLD
FCT
SAT
VST
FCS
Always
Always
112
R0EFSR
VDL
VFCS
EE1
EE0
EA1
EA0
EC1
EC0
Always
Always
113
R1EFSR
VDL
VFCS
EE1
EE0
EA1
EA0
EC1
EC0
Always
Always
114
IAR
RES
RES
EXCI0
BRKI0
EXCI1
BRKI1
EXCI2
BRKI2
Always
Conditional
115
INR
RES
RES
EXC0N
BRK0N
EXC1N
BRK1N
EXC2N
BRK2N Always
Always
116
ITR
THR7
THR6
THR5
THR4
THR3
THR2
THR1
THR0
Always
INSTOP e 1or
EXC e 1 Only
117
IMCR
SM1
SM0
SKIP
FPP
BOT2
BOT1
BOB
BOS
Always INSTOP e 1 Only
118
ICCR
CC0
RES
CC1
RES
CC2
Always
Always
119
IHLR
HL7
HL6
HL5
HL4
HL3
HL2
HL1
HL0
Always
INSTOP e 1or
EXC e 1 Only
11A
ACR
PCKI2
PCKI1
PCKI0
RSWP1
RSWP0
ISWP2
ISWP1
ISWP0
Always
Always
11B
R0CR1
EFT
RES
RES
RES
RES
RES
RES
ETR
Always
Always
11C
R1CR1
EFT
RES
RES
RES
RES
RES
RES
ETR
Always
Always
11D – 11E Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
11F
SICMP
CMP7
CMP6
CMP5
CMP4
CMP3
CMP2
CMP1
CMP0
Always
Always
120 – 1FF Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
Note
Bits in the conditional write registers are only written when the corresponding bit in the System Interface Compare Register is equal to the bit to be
overwritten
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com