Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 30Page - National Semiconductor (TI) DP83266VF Datasheet HTML 31Page - National Semiconductor (TI) DP83266VF Datasheet HTML 32Page - National Semiconductor (TI) DP83266VF Datasheet HTML 33Page - National Semiconductor (TI) DP83266VF Datasheet HTML 34Page - National Semiconductor (TI) DP83266VF Datasheet HTML 35Page - National Semiconductor (TI) DP83266VF Datasheet HTML 36Page - National Semiconductor (TI) DP83266VF Datasheet HTML 37Page - National Semiconductor (TI) DP83266VF Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
current transaction Note that Bus Request is guaranteed to
be de-asserted for at least two cycles when MR1EAM is
enabled It is a requirement of the SBus specification that
Bus Request be de-asserted between each transaction If
Bus Grant is (re)asserted before the end of the current
transaction the MACSI device retains mastership and runs
the next transaction This process may be repeated indefi-
nitely
It is important to note that in default ABus mode (MR1EAM
e
0) the MACSI device may take up to two cycles to detect
the assertion of Bus Grant Therefore the external interface
logic must not remove Bus Grant or latch addresses until a
signal such as Address Strobe is asserted indicating that
the MACSI device has recognized the Bus Grant
If the Bus Arbiter wishes to preempt the MACSI device it
deasserts Bus Grant The MACSI device will complete the
current bus transaction then release the bus From preemp-
tion to bus release is a maximum of (11 bus clocks a
(8 times the number of memory wait states)) bus clocks For
example in a 1 wait-state system the MACSI device will
release the bus within a maximum of 19 bus clocks
Parity
The state of the FLOW bit in System Interface Mode Regis-
ter 0 (SIMR0FLOW) controls two MACSI device modes
one for systems using parity the other for systems not using
parity
Regardless of the state of SIMR0FLOW the MACSI device
always provides odd parity on ABus address cycles and
Control Bus read cycles The MACSI device System Inter-
face does not check data parity on ABus read cycles The
User may enable checking of read data parity at the Ring
Engine interface by setting the MAC Request Parity bit
(MCMR0MRP) For MACSI revision D or later the System
Interface will check parity on descriptor reads (when
SIMR0FLOW e 1) and report errors via the STARERR bit
The ABus data parity (except for Descriptor data parity
which is generated internally) flows directly from the Ring
Engine interface If parity checking is enabled within the
Ring Engine parity flows up from the PLAYERa interface
If parity checking is disabled within the Ring Engine good
parity is generated at the Ring EngineService Engine inter-
face
For transmit frame data the parity from the ABus flows di-
rectly to the Ring Engine interface when SIMR0FLOW is
asserted The data integrity across the ABus and through
the Service Engine may be checked by enabling parity
checking within the Ring Engine If the SIMR0FLOW bit is
deasserted the MACSI device will generate good parity at
the transmit data (MR7 – 0) Ring Engine interface
When SIMR0FLOW is enabled parity is checked on Con-
trol Bus write operations If a parity error is detected the
write access is rejected and the STARCPE bit is asserted
When SIMR0FLOW is disabled Control Bus write parity is
ignored
When SIMR0FLOW is enabled parity is checked on MAC
Indicate interface (receive data from the Ring Engine) If an
error is detected the STARBPE will be asserted and the
IDUD for that frame will carry a status of ‘‘parity error’’
When SIMR0FLOW is disabled the parity bit at the MAC
Indicate interface is ignored
Bandwidth
The ABus supports single reads and writes and burst reads
and writes With physical addressing back-to-back single
readswrites can take place every four clock cycles Burst
transactions can transfer 8 32-bit words (32 bytes) every 11
clock cycles With a 25 MHz clock this yields a peak band-
width of 727 Mbytessec
To allow the bus to operate at high frequency the protocol
defines all signals to be both asserted and deasserted by
the bus master and slaves Having a bus device actively
deassert a signal guarantees a high-speed inactive tran-
sition If this were not defined external pull-up resistors
would not be able to deassert signals fast enough The pro-
tocol also reduces contention by avoiding cases where two
bus devices simultaneously drive the same line
The MACSI device operates synchronously with the ABus
clock In general operations will be asynchronous to the
ring since most applications will use a system bus clock
that is asynchronous to the ring The MACSI device is de-
signed to interface either directly to the host’s main system
bus or to external shared memory When interfaced to the
host’s bus there are two parameters of critical interest la-
tency and bandwidth
Data moves between the Request and Indicate Channels
and the ABus via four FIFOs two in the receive path (Indi-
cate) and two in the transmit path (Request) There are two
1152 x 36-bit data FIFOs for Indicate and Request data
(4608 byte of data FIFO in each direction) On the ABus
Interface there are two Burst FIFOs each containing two
banks of 32 bytes which provide ABus bursting capability
The amount of latency covered by the Data FIFO plus one
of the banks of the Burst FIFO must meet the average and
maximum bus latencies of the external memory With a new
byte every 80 ns from the ring a 4608 byte FIFO provides
4608 c 80 ns e 36864 ms maximum latency The two 32
byte burst FIFO in each direction provide an additional
51 ms of latency
To assist latency issues the MACSI device can completely
empty or fill the Burst FIFO in one bus tenure by asserting
Bus Request for multiple transactions Since one bank of
the Burst FIFO is 8 words deep if 8-word bursts are en-
abled that half of the Burst FIFO can be emptied in one
transaction If the second half of the burst FIFO is also full it
can be emptied in the same bus tenure by again granting
the bus to the MACSI device
The MACSI device may be preempted at any time by remov-
ing Bus Grant causing the MACSI device to complete the
current transaction and release the bus There will be a
maximum of 11 clocks (plus any memory wait states) from
preemption to bus release (fewer if 8-word bursts are not
enabled)
642 Bus States
An ABus Master has eight states idle (Ti) bus request
(Tbr) virtual address (Tva) MMU translate (Tmmu) physical
address (Tpa) data transfer (Td) wait (Tw) and recovery
(Tr)
An ABus Slave has five states idle (Ti) selected (Ts) data
transfer (Td) wait (Tw) and recovery (Tr)
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com