Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 15Page - National Semiconductor (TI) DP83266VF Datasheet HTML 16Page - National Semiconductor (TI) DP83266VF Datasheet HTML 17Page - National Semiconductor (TI) DP83266VF Datasheet HTML 18Page - National Semiconductor (TI) DP83266VF Datasheet HTML 19Page - National Semiconductor (TI) DP83266VF Datasheet HTML 20Page - National Semiconductor (TI) DP83266VF Datasheet HTML 21Page - National Semiconductor (TI) DP83266VF Datasheet HTML 22Page - National Semiconductor (TI) DP83266VF Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 152 page
background image
50 Functional Description (Continued)
is not received within TTRT (the token is late) the event is
recorded by setting the Late
Flag If the token is not re-
ceived within twice TTRT (TRT expires and Late
Flag is
set) there is a potential problem in the ring and the recovery
process is invoked
Furthermore the Token Holding Timer (THT) is used to limit
the amount of ring bandwidth used by a station for asyn-
chronous traffic once the token is captured Asynchronous
traffic is prioritized based on the Late
Flag which denotes
a threshold at TTRT and an additional Asynchronous Priori-
ty Threshold (THSH) The Asynchronous Threshold com-
parison (Apri 1) is pipelined so a threshold crossing may not
be detected immediately however the possible error is a
fraction of the precision of the threshold values
The Token Timing Logic consists of two Timers TRT and
THT in addition to the TMAX and TNEG values loaded into
these counters (see
Figure 5-1 )
The Timers are implemented as count-up counters that can
increment every 80 ns The Timers are reset by loading
TNEG or TMAX into the counters where TNEG and TMAX
are unsigned two’s complement numbers This allows a
Carry flag to denote timer expiration
On an early token arrival (Late
Flag is not set) TRT is
loaded with TNEG and counts up On a late token arrival
(Late
Flag is set) Late
Flag is cleared and TRT contin-
ues to count When TRT expires and Late
Flag is not set
Late
Flag is set and TRT is loaded with TNEG
THT follows the value of TRT until a token is captured
When a token is captured TRT may be reloaded with TNEG
while THT continues to count from its previous value (THT
does not wrap around) THT increments when enabled THT
is disabled during synchronous transmission and a special
class of asynchronous transmission THT is used to deter-
mine if the token is usable for asynchronous requests For
these purposes the token is considered late one byte be-
fore it is actually late (to promote interoperability with less
careful implementations)
If TRT expires while Late
Flag is set TRT is loaded with
TMAX and the recovery process (Claim) is invoked (unless
the Inhibit Recovery Required option is set) The Recovery
Required condition becomes true one byte time after TRT
expires (to promote interoperability with less careful imple-
mentations) When TRT expires and the ring is not opera-
tional TRT is loaded with TMAX TRT is also loaded with
TMAX on a MAC Reset
512 Token Recovery
While the ring is operational every station in the ring uses
the Negotiated Target Token Rotation Time TNEG The
MAC implements the protocol for negotiation of this target
token rotation time (TTRT) through the Claim process The
shortest requested token rotation time is used by all of the
stations in the ring as the TNEG
If TRT expires with Late
Flag set a token has not been
received within twice TTRT (Target Token Rotation Time) If
TVX (Valid Transmission Timer) expires the station has not
received a valid token within TVX Max Both these events
require token recovery and cause the Ring Engine to enter
the Claim process
In the Claim process a MAC continuously transmits Claim
frames containing TREQ Should the MAC receive a Claim
frame with a shorter TREQ (larger valueHigher
Claim) it
leaves the Claim State A station that receives its own Claim
frame gains the right to send the first token and make the
ring operational again If the Claim Process does not com-
plete successfully TRT will expire and the Beacon Process
is invoked
The Beacon Process is used for fault isolation A station
may
invoke
the
Beacon
Process
through
an
SM
Controlrequest(Beacon) When a station enters the
Beacon Process it continuously sends out Beacon Frames
The Beacon Process is complete when a station receives its
own Beacon Frame That station then enters the Claim pro-
cess to re-initialize the ring
52 SERVICING TRANSMISSION REQUESTS
A Request to transmit one or more frames is serviced by the
Ring Engine After a Request is submitted to the Ring En-
gine the Ring Engine awaits an appropriate Service Oppor-
tunity in which to service the Request Frames associated
with the Request are transmitted during the Service Oppor-
tunity The definition of a Service Opportunity is different
depending on the operational state of the ring
TLF11705 – 7
FIGURE 5-1 Token Timing Logic
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com