Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 88Page - National Semiconductor (TI) DP83266VF Datasheet HTML 89Page - National Semiconductor (TI) DP83266VF Datasheet HTML 90Page - National Semiconductor (TI) DP83266VF Datasheet HTML 91Page - National Semiconductor (TI) DP83266VF Datasheet HTML 92Page - National Semiconductor (TI) DP83266VF Datasheet HTML 93Page - National Semiconductor (TI) DP83266VF Datasheet HTML 94Page - National Semiconductor (TI) DP83266VF Datasheet HTML 95Page - National Semiconductor (TI) DP83266VF Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 152 page
background image
70 Control Information (Continued)
Pointer RAM Control and Address Register (PCAR)
The Pointer RAM Control and Address Register (PCAR) is used to program the parameters for the PTOP (Pointer RAM
Operation) service function in which data is written to or read from a Pointer RAM Register
This register is not altered upon reset
Access Rules
Address
Read
Write
102h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
BP1
BP0
PTRW
A4
A3
A2
A1
A0
Bit
Symbol
Description
D4–D0
A4–A0
Pointer RAM Address
These five bits contain the Pointer RAM Register address for a subsequent
PTOP service function
D5
PTRW
PTOP ReadWrite
This bit determines whether a PTOP service function will be a read from the Pointer
RAM Register to the mailbox in memory (PTRW e 1) or a write to the Pointer RAM Register from the
mailbox (PTRW e 0)
D7 – D6
BP1 – BP0
Byte Pointer
These two bits are used to program an internal byte pointer for accesses to the 28-bit
Mailbox Address Register They are normally set to Zero to initialize the byte pointer for four successive
writes (most-significant byte first) and are automatically incremented after each write Because this
register is not altered upon reset it is important that these bits be explicitly configured before accessing
the Mailbox Address Register
Mailbox Address Register (MBAR)
The Mailbox Address Register (MBAR) is used to program the word-aligned 28-bit memory address of the mailbox used in the
data transfer of the PTOP (Pointer RAM Operation) service function
The address of the register is used as a window into four internal byte registers The four byte registers are loaded by successive
writes to the address after first setting the BP1 – 0 bits in the Pointer RAM Control and Address Register to Zero The bytes must
be loaded most-significant byte first The MACSI device increments the byte pointer internally after each write or read Mailbox
Address bits 0 and 1 forced internally to Zero
The four internal byte registers are initialized to a 28-bit System Interface Revision code upon reset The System Interface
Revision code remains until it is overwritten by the host The BP1 – 0 bits in the PCAR must be initialized before accessing the
MBAR to fetch the System Interface Revision code
Access Rules
Address
Read
Write
103h
Always
Always
Register Bits
70
Mailbox Address 2724
Mailbox Address 2316
Mailbox Address 158
Mailbox Address 70
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com