Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 49Page - National Semiconductor (TI) DP83266VF Datasheet HTML 50Page - National Semiconductor (TI) DP83266VF Datasheet HTML 51Page - National Semiconductor (TI) DP83266VF Datasheet HTML 52Page - National Semiconductor (TI) DP83266VF Datasheet HTML 53Page - National Semiconductor (TI) DP83266VF Datasheet HTML 54Page - National Semiconductor (TI) DP83266VF Datasheet HTML 55Page - National Semiconductor (TI) DP83266VF Datasheet HTML 56Page - National Semiconductor (TI) DP83266VF Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
70 Control Information (Continued)
74 RING ENGINE OPERATION REGISTERS
The Operation Registers are used to control the operation of the Ring Engine The Operation Registers include the following
registers
 MAC Mode Register (MCMR0 MCMR2)
 Option Register (Option)
 Function Register (Function)
 MAC Revision Register (MCRev)
MAC Mode Register 0 (MCMR0)
The Mode Register contains the current mode of the Ring Engine
Access Rules
Address
Read
Write
000h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
DIAG
ILB
RES
RES
PIP
MRP
CBP
RUN
Bit
Symbol
Description
D7
DIAG
Diagnose Mode
Enables access to all Ring Engine registers When set interoperability is not
guaranteed This bit should only be set when the Ring Engine is not inserted in a ring
Design Note
In diagnose mode should an internal error occur the Current Receive and Transmit Status Registers are frozen with the
error state until the internal state machine error condition is cleared (IELRRSMERR andor IELRTSMERR)
D6
ILB
Internal Loopback
Enables the internal loopback that connects PRP PRC and PRD7 – 0 to PIP PIC
and PID7 – 0 respectively When enabled the PHY Indicate Interface is ignored
Since the Ring Engine Transmitter and Receiver work as independent processes a ring can be made
operational in this mode albeit consisting only of a single MAC With an operational ring many diagnostic
tests can be performed to test out MAC level and system level diagnostics including the Beacon Process
the Claim Process Ring Engine frame generation token timers event counters transmission options test
of event detection capabilities test of addressing modes test of state machine sequencing options etc In
addition a large portion of the system interface logic can be tested such as full duplex transmission to self
within the limits of the system interface performance constraints status handling and generation etc
The same system tests can also be performed at different levels of loopback including through the various
paths within a station through the Configuration Switch of the PLAYERa device and through the Clock
Recovery Module of the PLAYERa device System level tests can also be performed through the ring
during normal operation
D5 – D4
RES
Reserved
D3
PIP
PHY Indicate Parity
Enables Odd Parity checking on the PHY Indicate Data pins (PID7 – 0) Parity errors
are treated as code violations and cause the byte in error to be replaced with Idle symbols When
repeating Parity is passed transparently from PIP to PRP Odd Parity is generated for all internally
generated fields Odd Parity is always generated on the PHY Request Data pins (PRD7 – 0)
D2
MRP
MAC Request Parity
Enables Odd Parity checking on the MAC Request Data pins (MRD7 – 0) A parity
error causes the transmission to be aborted Odd parity is always generated on MIP
D1
CBP
Control Bus Parity
Enables Odd Parity checking on the Control Bus Data pins (CBD7 – 0) during write
operations This applies to both the System Interface block and the Ring Engine (MAC) block Parity errors
detected while writing to a MAC register (CBA8 e 0) are reported in the CPE bit of the Exception Status
Register (ESR 012Ch) Parity errors detected while writing to the System Interface block (CBA8 e 1) are
reported in the CPE bit of the State Attention Register (STAR 106h) In either case the write operation is
inhibited
Parity is always generated on CBD7 – 0 during read accesses
D0
RUN
RUNStop
0 Stop Mode
All state machines return to and remain in their zero state All counters and timers are disabled The Ring
Engine transmits Idle symbols
1 Run Mode
Enables operation as a MAC entity The Ring Engine (MAC) must be in Run Mode to achieve an
operational Ring
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com