| Electronic Components Datasheet Search |
|
DP83266VF Datasheet(PDF) 33 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83266VF Datasheet(HTML) 33 Page - National Semiconductor (TI) |
|
33 / 152 page ![]() 60 Functional Description (Service Engine) (Continued) The MACSI device has a mode for controlling the ABus Ad- dress Strobe (AB AS) In the default mode AB AS is driven active during the address cycle and remains low throughout the access In the second mode (SIMR1ASM e 1) AB AS is driven active during the address cycle and driven inactive during the remainder of the access This al- lows AB AS to be used directly as a clock enable to the address latching device which reduces the number of exter- nal components In Enhanced ABus Mode (EAM) the MACSI device has fixed address timing which is similar to the Physical address timing described above The SBus MMU does not require extra cycles for the address translation The MACSI device interfaces to byte-addressable memory but always transfers information in words The MACSI de- vice uses a word width of 32 data bits plus 4 (1 per byte) parity bits Parity may be ignored Bus Transfers The ABus supports single word accesses and 4-word and 8-word bursts Simple reads and writes involve a single ad- dress and data transfer Burst reads and writes involve a single address transfer followed by multiple data transfers Burst sizes are selected dynamically by the MACSI device The user can disable 8-word bursts by setting MR0SMLB to a 1 This forces the MACSI device to use 1-word and 4-word transactions only The MACSI device provides the full de-multiplexed address during an access This includes the word address for each word of a burst (AB A 42 ) To use the de-multiplexed addresses (AB A 42 ) on MACSI revisions A B or C the Address Timing Mode bit (SIMR1ATM) must be set equal to one This causes the word address to come out in the same cycle as the word of data being accessed The word ad- dresses signals (AB A 42 ) may be used in the ‘‘look- ahead’’ mode (SIMR1ATM e 0) if the user does address de-multiplexing externally by latching AB A 275 external- ly during the address cycle For MACSI revisions D or later (SI revision t 0x00000058) the User may select either Ad- dress Timing Mode (SIMR1ATM e 0 or 1) while using the demultiplexed address pins AB A 270 On Indicate Channels when 8-word bursts are enabled all transactions will be 8 words until the end of the frame the last transfer will be 4 or 8 words depending on the number of remaining bytes If only 4-word bursts are allowed all Indicate Data transfers are 4 words On Request Channels the MACSI device will use 4- or 8-word bursts to access all data up to the end of the ODU If 8-word bursts are enabled the first access will be an 8-word burst if the ODU begins less than 4 words from the start of an 8-word burst boundary If 8-word bursts are not allowed or if the ODU begins 4 or more words from the start of an 8- word burst boundary a 4-word burst will be used The MACSI device will ignore unused bytes if the ODU does not start on a burst boundary At the end of an ODU the MACSI device will use the smallest transfer size (1 4 or 8 words) which completes the ODU read To coexist in a system that assumes implicit wrap-around for the addresses within a burst the MACSI device never emits a burst that will wrap the 4- or 8-word boundary A Function Code identifying the type of transaction is output by the MACSI device on the upper four address bits during the address phase of a data transfer This can be used for more elaborate external addressing schemes such as di- recting control information to one memory and data to an- other (eg an external FIFO) Byte Ordering The basic addressable unit is a byte so request data may be aligned to any byte boundary in memory All information is accessed in 32-bit words however so the MACSI device ignores unused bytes when reading Descriptors must always be aligned to a 32-bit word address boundary Input Data Units are always aligned to a burst- size boundary Output Data Units may be any number of bytes aligned to any byte-address boundary but operate most efficiently when aligned to a burst-size boundary Pool Space Descriptors (PSPs) must point to a burst boundary or the Receive data will not be written to memory correctly Burst transfers are always word-aligned on a 16- or 32-byte (burst-size) address boundary Burst transfers will never cross a burst-size boundary If a 32-byte transfer size is en- abled (MR0SMLB e 0) the MACSI device will perform both 16-byte and 32-byte bursts whichever is most efficient (least number of clocks to loadstore all required data) If the MACSI device has less than a full burst of data to com- plete a frame it will write a full burst Random data is written to the unused locations The host uses the IDUD length field to determine where the valid data bytes end The Bus Interface Unit can operate in either Big Endian or Little Endian Mode The bit and byte alignments for both modes are shown in Figure 6-3 Byte 0 is the first byte re- ceived from the ring or transmitted to the ring This mode affects the placement of frame data bytes but it does not affect the order of Descriptor bytes Big-Endian Byte Order D 31 D 0 Word Halfword 0 Halfword 1 Byte 0 Byte 1 Byte 2 Byte 3 Little-Endian Byte Order D 31 D 0 Word Halfword 1 Halfword 0 Byte 3 Byte 2 Byte 1 Byte 0 FIGURE 6-3 ABus Byte Orders Bus Arbitration The ABus is a multi-master bus using a simple Bus Re- questBus Grant protocol that allows an external Bus Arbi- ter to support any number of bus masters using any arbitra- tion scheme (eg rotating or fixed priority) The protocol provides for multiple transactions per tenure and bus master preemption The MACSI device asserts a Bus Request and assumes mastership when Bus Grant is asserted If the MACSI de- vice has another transaction pending it will keep Bus Re- quest asserted or reassert it before the completion of the 33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |