Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 73Page - National Semiconductor (TI) DP83266VF Datasheet HTML 74Page - National Semiconductor (TI) DP83266VF Datasheet HTML 75Page - National Semiconductor (TI) DP83266VF Datasheet HTML 76Page - National Semiconductor (TI) DP83266VF Datasheet HTML 77Page - National Semiconductor (TI) DP83266VF Datasheet HTML 78Page - National Semiconductor (TI) DP83266VF Datasheet HTML 79Page - National Semiconductor (TI) DP83266VF Datasheet HTML 80Page - National Semiconductor (TI) DP83266VF Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
70 Control Information (Continued)
Fixed Group Address MAP (FGM0 – FGM1)
If the first 44 bits of a long DA DA(47 – 4) or the first 12 bits of a short DA DA(15 – 4) are 1 the last 4 bits of the DA DA(3 – 0)
are used as an index into FGM
The 4-bit index into FGM can be viewed in two different ways It can be viewed as 4 bits selecting one of 16 bits where the
hexadecimal equivalent of DA(3 – 0) can be used as the index For example the broadcast address would index FGM(F)
Alternatively it can be viewed as one bit DA(3) selecting the byte (FGM0 or FGM1) and three bits DA(2 – 0) selecting one of 8
bits within a byte
Access Rules
Address
Read
Write
058–059h
Stop Mode
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
FGM0
FGM(7)
FGM(6)
FGM(5)
FGM(4)
FGM(3)
FGM(2)
FGM(1)
FGM(0)
FGM1
FGM(F)
FGM(E)
FGM(D)
FGM(C)
FGM(B)
FGM(A)
FGM(9)
FGM(8)
Bit FGM(F) must be set to One to ensure proper handling of frames with the UniversalBroadcast address including the SMT
NSA frames This is mandatory for interoperability on an FDDI Ring
Programmable Group Address MAP (PGM0 – PGM1F)
If the first 40 bits of a long DA DA(47 – 8) match the GLA or the first 8 bits of a short DA DA(15 – 8) match the GSA the last 8
bits of the DA are used as an index into PGM
The 8-bit index into PGM can be viewed in two different ways
1 As 8 bits selecting one of 256 bits where the hexadecimal equivalent of DA(7 – 0) can be used as the index For example a DA
with the last byte as A2h indexes PGM(A2)
2 As 5 bits DA(7 – 3) selecting the byte (PGM0 to PGM1F) and three bits DA(2 – 0) selecting one of 8 bits within a byte For
example a DA with the last byte of A2h (1010 0010b) selects PGM14 bit 2
It is possible to disable Long and Short Group Addressing by filling the Group Address Map with 0’s
In the MACSI device PGM(00) to PGM(7F) are set equal to PGM(80) to PGM(FF) and are accessible via the Control Interface
This implies that DA(7) of group addresses is a don’t care
Access Rules
Address
Read
Write
070–07Fh
Stop Mode
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
PGM0
PGM(7)
PGM(6)
PGM(5)
PGM(4)
PGM(3)
PGM(2)
PGM(1)
PGM(0)
PGM1
PGM(F)
PGM(E)
PGM(D)
PGM(C)
PGM(B)
PGM(A)
PGM(9)
PGM(8)
PGM2
PGM(17)
PGM(16)
PGM(15)
PGM(14)
PGM(13)
PGM(12)
PGM(11)
PGM(10)
PGM3
PGM(1F)
PGM(1E)
PGM(1D)
PGM(1C)
PGM(1B)
PGM(1A)
PGM(19)
PGM(18)
PGM4
PGM(27)
PGM(26)
PGM(25)
PGM(24)
PGM(23)
PGM(22)
PGM(21)
PGM(20)
PGM5
PGM(2F)
PGM(2E)
PGM(2D)
PGM(2C)
PGM(2B)
PGM(2A)
PGM(29)
PGM(28)
PGM6
PGM(37)
PGM(36)
PGM(35)
PGM(34)
PGM(33)
PGM(32)
PGM(31)
PGM(30)
PGM7
PGM(3F)
PGM(3E)
PGM(3D)
PGM(3C)
PGM(3B)
PGM(3A)
PGM(39)
PGM(38)
PGM8
PGM(47)
PGM(46)
PGM(45)
PGM(44)
PGM(43)
PGM(42)
PGM(41)
PGM(40)
PGM9
PGM(4F)
PGM(4E)
PGM(4D)
PGM(4C)
PGM(4B)
PGM(4A)
PGM(49)
PGM(48)
PGMA
PGM(57)
PGM(56)
PGM(55)
PGM(54)
PGM(53)
PGM(52)
PGM(51)
PGM(50)
PGMB
PGM(5F)
PGM(5E)
PGM(5D)
PGM(5C)
PGM(5B)
PGM(5A)
PGM(59)
PGM(58)
PGMC
PGM(67)
PGM(66)
PGM(65)
PGM(64)
PGM(63)
PGM(62)
PGM(61)
PGM(60)
PGMD
PGM(6F)
PGM(6E)
PGM(6D)
PGM(6C)
PGM(6B)
PGM(6A)
PGM(69)
PGM(68)
PGME
PGM(77)
PGM(76)
PGM(75)
PGM(74)
PGM(73)
PGM(72)
PGM(71)
PGM(70)
PGMF
PGM(7F)
PGM(7E)
PGM(7D)
PGM(7C)
PGM(7B)
PGM(7A)
PGM(79)
PGM(78)
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com