Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 89Page - National Semiconductor (TI) DP83266VF Datasheet HTML 90Page - National Semiconductor (TI) DP83266VF Datasheet HTML 91Page - National Semiconductor (TI) DP83266VF Datasheet HTML 92Page - National Semiconductor (TI) DP83266VF Datasheet HTML 93Page - National Semiconductor (TI) DP83266VF Datasheet HTML 94Page - National Semiconductor (TI) DP83266VF Datasheet HTML 95Page - National Semiconductor (TI) DP83266VF Datasheet HTML 96Page - National Semiconductor (TI) DP83266VF Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
70 Control Information (Continued)
Master Attention Register (MAR)
The Master Attention Register (MAR) collects enabled attentions from the State Attention Register Service Attention Register
No Space Attention Register Request Attention Register and Indicate Attention Register If the Notify bit in the Master Notify
Register and the corresponding bit in the MAR are set to One the INT1 pin is forced to LOW and thus triggers an interrupt
Writes to the Master Attention Register are permitted but do not change the contents
All bits in this register are set to Zero upon reset
Access Rules
Address
Read
Write
104h
Always
Data Ignored
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
STA
NSA
SVA
RQA
INA
RES
RES
RES
Bit
Symbol
Description
D2 – D0
RES
Reserved
D3
INA
Indicate Attention Register
Is set if any bit in the Indicate Attention Register is set
D4
RQA
Request Attention Register
Is set if any bit in the Request Attention Register is set
D5
SVA
Service Attention Register
Is set if any bit in the Service Attention Register is set
D6
NSA
No Space Attention Register
Is set if any bit in the No Space Attention Register is set
D7
STA
State Attention Register
Is set if any bit in the State Attention Register is set
Master Notify Register (MNR)
The Master Notify Register (MNR) is used to enable attentions in the Master Attention Register (MAR) If a bit in Register MNR
and the corresponding bit in Register MAR are set to One the INT1 signal is asserted to cause an interrupt
All bits in this register are set to Zero upon reset
Access Rules
Address
Read
Write
105h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
STAN
NSAN
SVAN
RQAN
INAN
RES
RES
RES
Bit
Symbol
Description
D2 – D0
RES
Reserved
D3
INAN
Indicate Attention Register Notify
This bit is used to enable the INA bit in Register MAR
D4
RQAN
Request Attention Register Notify
This bit is used to enable the RQA bit in Register MAR
D5
SVAN
Service Attention Register Notify
This bit is used to enable the SVA bit in Register MAR
D6
NSAN
No Space Attention Register Notify
This bit is used to enable the NSA bit in Register MAR
D7
STAN
State Attention Register Notify
This bit is used to enable the STA bit in Register MAR
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com