Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 52Page - National Semiconductor (TI) DP83266VF Datasheet HTML 53Page - National Semiconductor (TI) DP83266VF Datasheet HTML 54Page - National Semiconductor (TI) DP83266VF Datasheet HTML 55Page - National Semiconductor (TI) DP83266VF Datasheet HTML 56Page - National Semiconductor (TI) DP83266VF Datasheet HTML 57Page - National Semiconductor (TI) DP83266VF Datasheet HTML 58Page - National Semiconductor (TI) DP83266VF Datasheet HTML 59Page - National Semiconductor (TI) DP83266VF Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 152 page
background image
70 Control Information (Continued)
Function Register (Function)
The Ring Engine performs the MAC Reset Claim Request and Beacon Request using the Function Register The Register is
initialized to Zero after a master reset A function is performed by setting the appropriate bit to One When the function is
complete the bit is cleared by the Ring Engine
Access Rules
Address
Read
Write
002h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
CLM
BCN
MCRST
RES
MARST
Bit
Symbol
Description
D7 – D5
RES
Reserved
D4
CLM
Claim Request
Produces the functions equivalent to an SM
CONTROLrequest (Claim) and causes
entry to the Tx
Claim State The Ring Engine Transmitter is forced to enter the Tx
Claim State unless
the Transmitter is in the Tx
Beacon State or bit BCN is set to One Claim frames are then transmitted
until the Claim process completes The Claim process will not complete if OptionITR e 1
A Claim Request is honored immediately from any state except the Beacon state It is honored in the
Beacon state when a My
Beacon returns Claim requests are honored even when OptionIRR e 1
Claim frames are generated by the Ring Engine unless an Immediate Claim Request is available at the
MAC Request Interface Even with an Immediate Claim Request at the Interface the Ring Engine
transmits at least one Claim frame before the Claim frames from the MAC Request Interface are
transmitted
If an external Claim frame is to be transmitted the Claim frame should first be set up then the request
should be given to the MAC Request Interface before the CLM bit is set to One
The CLM bit is reset upon entry to the Claim or Beacon state
D3
BCN
Beacon Request
Produces the functions of an SM
CONTROLrequest (Beacon) as required by the
FDDI MAC Standard The Ring Engine Transmitter is forced to enter the Tx
Beacon State Beacon
frames are then transmitted until the Tx
Beacon Process completes The Beacon Process will not
complete if OptionIRR e 1
Beacon frames are generated by the Ring Engine unless an Immediate Beacon Request is present at the
MAC Request Interface and a frame is ready to be transmitted Even with an External Immediate Beacon
Request the Ring Engine transmits at least one Beacon frame before the Beacon frames from the MAC
Request Interface are transmitted
If an external Beacon frame is to be transmitted the Beacon frame should first be set up via the System
Interface and then bit BCN should be set to One
Setting this bit also sets bit D2 (MCRST) The BCN bit is cleared on entry to the Beacon state If the User
programs both D3 (BCN) and D4 (CLM) simultaneously bit D3 (BCN) takes precedence
D2
MCRST
MAC Reset
Forces the Receiver to state R0 (Listen) and the Transmitter to state T0 (Idle)
TNEG (Registers 098 – 09B) is not loaded with TMAX (this operation can be performed as part of the MAC
Reset Request actions by writing to TNEG Timers before the MAC Reset is initiated)
MCRST takes precedence over bits D3 (BCN) and D4 (CLM) but does not clear these bits
A MAC Reset that occurs while a frame is being transmitted will cause the frame to be aborted Frames
without the Frame Status are not transmitted by the Ring Engine Whenever the byte with the Ending
Delimiter is transmitted valid frame status is transmitted as well If a MAC Reset occurs during the byte
where the Ending Delimiter and E Indicator should be transmitted it will not be transmitted If a MAC Reset
occurs on the cycle where the A and C Indicators are transmitted they will still be transmitted
D1
RES
Reserved
D0
MARST
Master Reset
A Master Reset is functionally equivalent to a hardware reset of the Ring Engine (MAC) A
Master Reset sets all Ring Engine state machines and registers to default values
Master Reset causes the MCRST bit to be set It also clears the Mode Option Event and Mask Registers
The Timers are set to their defaults The Counters are not cleared
When the Master Reset function is complete bit D0 (MARST) is set to Zero At this time all bits in the
Function Register should be Zero
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com