Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 55Page - National Semiconductor (TI) DP83266VF Datasheet HTML 56Page - National Semiconductor (TI) DP83266VF Datasheet HTML 57Page - National Semiconductor (TI) DP83266VF Datasheet HTML 58Page - National Semiconductor (TI) DP83266VF Datasheet HTML 59Page - National Semiconductor (TI) DP83266VF Datasheet HTML 60Page - National Semiconductor (TI) DP83266VF Datasheet HTML 61Page - National Semiconductor (TI) DP83266VF Datasheet HTML 62Page - National Semiconductor (TI) DP83266VF Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 152 page
background image
70 Control Information (Continued)
Current Receiver Status Register (CRS0)
The Current Receiver Status Register (CRS0) records the status of the Receiver state machine It is continuously updated It
remains stable when accessed
When in Diagnose Mode this register is frozen on an internal error until the internal error event is cleared by resetting the
RSMERR bit in the Internal Event Latch Register
Access Rules
Address
Read
Write
00Ch
Always
Data Ignored
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RFLG
RS2
RS1
RS0
RES
RTS2
RTS1
RTS0
Bit
Symbol
Description
D7
RFLG
R
Flag
Current value of the Restricted Flag When not holding the token indicates the type of the last
valid token received When holding the token indicates the type of token that will be issued at the end of
the current service opportunity
0 Non-Restricted
1 Restricted
D6–D4
RS(2–0)
Receive State
RS(2 – 0) represent the current state of the Receive state machine that implements the
ANSI X3T95 standard MAC Receive Functions The encoding is shown below
RS2
RS1
RS0
Receive State
0
0
0
Listen
0
0
1
Await
SD
010
RC
FR
CTRL (Receive FC)
011
RC
FR
BODY (Receive Frame Body)
100
RC
FR
STATUS (A and C Indicators )
1
0
1
CHECK
TOKEN (Check Token)
110
RC
FR
STATUS (Optional Indicators)
1
1
1
Reserved
D3
RES
Reserved
D2 – D0
RTS(2 – 0)
Receive Timing State
RTS(2 – 0) represent the current state of the Receiver Timing state machine The
encoding is shown below
RTS2
RTS1
RTS0
Receive Timing State
0
0
0
Await
SD
0
0
1
Check
FC
0
1
0
Check
SA
0
1
1
Check
DA
1
0
0
Check
INFO
1
0
1
Check
MAC
1
1
x
Reserved
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com