Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 43Page - National Semiconductor (TI) DP83266VF Datasheet HTML 44Page - National Semiconductor (TI) DP83266VF Datasheet HTML 45Page - National Semiconductor (TI) DP83266VF Datasheet HTML 46Page - National Semiconductor (TI) DP83266VF Datasheet HTML 47Page - National Semiconductor (TI) DP83266VF Datasheet HTML 48Page - National Semiconductor (TI) DP83266VF Datasheet HTML 49Page - National Semiconductor (TI) DP83266VF Datasheet HTML 50Page - National Semiconductor (TI) DP83266VF Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 152 page
background image
70 Control Information (Continued)
TABLE 7-5 MAC Event Registers
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
Read
Write
008
MCCMP
MCCMP(7 – 0)
Always
Always
009 – 00B Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
00C
CRS0
RFLG
RS2
RS1
RS0
RES
RTS2
RTS1
RTS0
Always
Ignored
00D
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
00E
CTS0
ROP
TS2
TS1
TS0
TTS3
TTS2
TTS1
TTS0
Always
Ignored
00F
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
010
RELR0
RES
DUP ADD
PINV
OTR MAC
CLMR
BCNR
RNOP
ROP
Always Conditional
011
REMR0
RES
DUP ADD
PINV
OTR MAC
CLMR
BCNR
RNOP
ROP
Always
Always
012
RELR1
LOCLM
HICLM
MYCLM
RES
RES
RES
MYBCN OTRBCN Always Conditional
013
REMR1
LOCLM
HICLM
MYCLM
RES
RES
RES
MYBCN OTRBCN Always
Always
014
TELR0
RLVD
TKPASS
TKCAPT
CBERR
DUPTKR
TRTEXP
TVXEXP ENTRMD Always Conditional
015
TEMR0
RLVD
TKPASS
TKCAPT
CBERR
DUPTKR
TRTEXP
TVXEXP ENTRMD Always
Always
016 – 017 Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
018
CILR
RES
TK RCVD
FR TRX
FR NCOP
FR COP
FR LST
FREI
FR RCV
Always Conditional
019
CIMR
RES
TK RCVD
FR TRX
FR NCOP
FR COP
FR LST
FREI
FR RCV
Always
Always
01A – 01B Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
01C
COLR
RES
TK RCVD
FR TRX
FR NCOP
FR COP
FR LST
FREI
FR RCV
Always Conditional
01D
COMR
RES
TK RCVD
FR TRX
FR NCOP
FR COP
FR LST
FREI
FR RCV
Always
Always
01E – 027 Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
028
IELR
RES
RES
RES
RES
TSM ERR RSM ERR
RES
MPE
Always Conditional
029 – 02B Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
02C
ESR
CWI
CCE
CPE
RES
RES
RES
RES
PPE
Always Conditional
02D
EMR
ZERO
CCE
CPE
RES
RES
RES
RES
PPE
Always
Always
02E
ICR
ESE
IERR
RES
RES
COE
CIE
TTE
RNG
Always
Ignored
02F
IMR
ESE
IERR
RES
RES
COE
CIE
TTE
RNG
Always
Always
030 – 03F Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
Note 1
Attempts to access reserved locations within the MAC Event Registers will result in Command Rejects (ESRCCE set to ONE)
Note 2
Bits in the conditional write registers are only written when the corresponding bit in the Compare Register is equal to the bit to be overwritten
Note 3
On Master Reset all Event Registers are reset to Zero
73 ACCESS RULES
For the Ring Engine (MAC) all Control Interface accesses
are checked against the current operational mode to deter-
mine if the register is currently accessible If not currently
accessible the Control Bus Interface access is rejected
(and reported in an Event Register) This means that the
Control Bus Interface completes all accesses in a determi-
nistic amount of time Certain Status and Parameter regis-
ters are not accessible while in Run mode because the Ring
Engine might access those locations
The Exception
Status Register can be checked to verify that the operation
terminated normally
The Service Engine Registers are always accessible
731 MAC Parameter RAM
The MAC parameter RAM is accessible in Stop mode and in
RUN mode while the MAC Transmitter is in states T0 T1 or
T3 OptionITC and OptionIRR are set and FunctionBCN
and FunctionCLM are not set Otherwise a command reject
is given (ESRCCE) and the Parameter RAM will not be read
or written
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com