Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 66Page - National Semiconductor (TI) DP83266VF Datasheet HTML 67Page - National Semiconductor (TI) DP83266VF Datasheet HTML 68Page - National Semiconductor (TI) DP83266VF Datasheet HTML 69Page - National Semiconductor (TI) DP83266VF Datasheet HTML 70Page - National Semiconductor (TI) DP83266VF Datasheet HTML 71Page - National Semiconductor (TI) DP83266VF Datasheet HTML 72Page - National Semiconductor (TI) DP83266VF Datasheet HTML 73Page - National Semiconductor (TI) DP83266VF Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 152 page
background image
70 Control Information (Continued)
Internal Event Latch Register (IELR)
The Internal Event Latch Register (IELR) reports internal errors in the Ring Engine These errors include MAC Parity errors and
inconsistencies in the Receiver and Transmitter state machines
After an internal state machine error is detected and reported (bit RSMERR for the receiver and TSMERR for the transmitter)
the Current Receive Status Register (CRS0) and Current Transmit Status Register (CTS0) continue to be updated as normal
In Diagnose mode (ModeDiag e 1) the Current Receive Status Register and Current Transmit Status Register are frozen with
the errored state until the internal state machine error condition is cleared (bit RSMERR andor TSMERR is set to Zero)
Errors internal to the Ring Engine cause a MAC
Reset
Access Rules
Address
Read
Write
028h
Always
Conditional
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
RES
TSM ERR
RSM ERR
RES
MPE
Bit
Symbol
Description
D7 – D4
RES
Reserved
D3
TSMERR
Transmit State Machine Error
Indicates inconsistency in the Transmitter state machine When set
causes bit MCRST of the Function Register to be set
D2
RSMERR
Receive State Machine Error
Indicates inconsistency in the Receiver state machine When set
causes bit MCRST of the Function Register to be set
D1
RES
Reserved
D0
MPE
MAC Interface Parity Error
Indicates a Parity Error on the MAC Request Data bus (the internal bus
MRD (70) between the SI and MAC blocks) when parity is enabled on the MA
Request Interface (bits
MRP of the MAC Mode Register 0 (MCMR0)) are set and pin TXACK is asserted)
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com