Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 94Page - National Semiconductor (TI) DP83266VF Datasheet HTML 95Page - National Semiconductor (TI) DP83266VF Datasheet HTML 96Page - National Semiconductor (TI) DP83266VF Datasheet HTML 97Page - National Semiconductor (TI) DP83266VF Datasheet HTML 98Page - National Semiconductor (TI) DP83266VF Datasheet HTML 99Page - National Semiconductor (TI) DP83266VF Datasheet HTML 100Page - National Semiconductor (TI) DP83266VF Datasheet HTML 101Page - National Semiconductor (TI) DP83266VF Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 152 page
background image
70 Control Information (Continued)
No Space Attention Register (NSAR)
The No Space Attention Register (NSAR) presents the attentions generated when the CNF PSP or IDUD Queues run out of
space The host may set any attention bit to cause an attention for test purposes only though this should not be done during
normal operation
The No Data Space attentions are set and cleared by the MACSI device automatically The No Status Space attentions are set
by the MACSI device and must be cleared by the host
Upon reset this register is set to 0xff
Access Rules
Address
Read
Write
10Ah
Always
Conditional
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
NSR0
NSR1
LDI0
NSI0
LDI1
NSI1
LDI2
NSI2
Bit
Symbol
Description
D0
NSI2
No Status Space on ICHN2
This bit is set by the MACSI device upon a Reset or when an IDUD has been
written to the next-to-last available entry in the Indicate Channel’s IDUD Status Queue When this occurs the
MACSI device stops copying on ICHN2 and the last IDUD is written with special status This bit must be
cleared by the host before the MACSI device will resume copying on this Channel Note that this bit should
only be cleared after the appropriate limit register has been updated to give the MACSI more status space
D1
LDI2
Low Data Space on ICHN2
This bit is set by the MACSI device upon Reset or when a PSP is prefetched
from ICHN2’s last PSP Queue location (as defined by the PSP Queue Limit Register) Note that the amount of
warning is dependent on the length of the frame There will always be one more page (4 kBytes) available for
the MACSI device when this attention is generated Another FDDI maximum-length frame (after the current
one) will not fit in this space If PSP fetching was stopped because there were no more PSP entries fetching
will resume automatically when the PSP Queue Limit Register is updated This bit will be cleared automatically
when the new PSP Descriptors are fetched This bit should never be cleared directly by software Clearing this
bit can cause the MACSI device to fetch invalid PSP descriptors
D2
NSI1
No Status Space on ICHN1
This bit is set by the MACSI device upon a Reset or when an IDUD has been
written to the next-to-last available entry in the Indicate Channel’s IDUD Status Queue When this occurs the
MACSI device stops copying on ICHN1 and the last IDUD is written with special status This bit must be
cleared by the host before the MACSI device will resume copying on this Channel Note that this bit should
only be cleared after the appropriate limit register has been updated to give the MACSI device more status
space
D3
LDI1
Low Data Space on ICHN1
This bit is set by the MACSI device upon Reset or when a PSP is prefetched
from ICHN1’s last PSP Queue location (as defined by the PSP Queue Limit Register) Note that the amount of
warning is dependent on the length of the frame There will always be one more page (4 kBytes) available for
the MACSI device when this attention is generated Another FDDI maximum-length frame (after the current
one) will not fit in this space If PSP fetching was stopped because there were no more PSP entries fetching
will resume automatically when the PSP Queue Limit Register is updated This bit will be cleared automatically
when the new PSP Descriptors are fetched This bit should never be cleared directly by software Clearing this
bit can cause the MACSI device to fetch invalid PSP descriptors
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com