Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 140Page - National Semiconductor (TI) DP83266VF Datasheet HTML 141Page - National Semiconductor (TI) DP83266VF Datasheet HTML 142Page - National Semiconductor (TI) DP83266VF Datasheet HTML 143Page - National Semiconductor (TI) DP83266VF Datasheet HTML 144Page - National Semiconductor (TI) DP83266VF Datasheet HTML 145Page - National Semiconductor (TI) DP83266VF Datasheet HTML 146Page - National Semiconductor (TI) DP83266VF Datasheet HTML 147Page - National Semiconductor (TI) DP83266VF Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 152 page
background image
90 Electrical Characteristics (Continued)
AC Characteristics for Port A Interface and Port B Interface for MACSI Revision C
Symbol
Parameter
Min
Typ
Max
Units
T26
PHY Data Inputs ECIP ECOPY EM EA
20
ns
Setup to LBC1
T27
PHY Data Inputs ECIP ECOPY EM EA
2
ns
Hold from LBC1
T28
PHY Data Outputs LEARN
8
ns
Sustain from LBC1
T29
PHY Data Outputs LEARN
35
ns
LBC1 to Data Valid
T32
ABus Outputs
20
ns
AB
CLK to TRI-STATE
T33
AB
AD(310) AB
BP Output
20
ns
AB
CLK to Data Valid
T34
AB
AD(310) AB
BP Output
5
ns
Sustain from AB
CLK
T35
AB
AD(310) AB
BP Input
15
ns
Setup to AB
CLK
T36
AB
AD(310) AB
BP Input
7
ns
Hold from AB
CLK
T37
AB
ACK AB
BG
20
ns
Setup to AB
CLK
T38
AB
ACK AB
BG
7ns
Hold from AB
CLK
T39
AB
ERR AB
DEN
20
ns
Setup to AB
CLK
T40
AB
ERR AB
DEN
7ns
Hold from AB
CLK
T41
AB
AS AB
SIZ(20) AB
RW AB
DEN
20
ns
AB
BR AB
A Data Valid from AB
CLK
T42
AB
AS AB
SIZ(20) AB
RW AB
DEN
5ns
AB
BR AB
A Data sustain from AB
CLK
F1
AB
CLK Frequency
125
25
MHz
This specification applies to ‘‘normal’’ ABus Mode only (SIMR1EAM e 0) For information regarding the Enhanced ABus Mode specification (SIMR1EAM e 1)
please contact National Semiconductor
TLF11705 – 23
FIGURE 9-6 PHY Interface Timing
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com