Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 124Page - National Semiconductor (TI) DP8344B Datasheet HTML 125Page - National Semiconductor (TI) DP8344B Datasheet HTML 126Page - National Semiconductor (TI) DP8344B Datasheet HTML 127Page - National Semiconductor (TI) DP8344B Datasheet HTML 128Page - National Semiconductor (TI) DP8344B Datasheet HTML 129Page - National Semiconductor (TI) DP8344B Datasheet HTML 130Page - National Semiconductor (TI) DP8344B Datasheet HTML 131Page - National Semiconductor (TI) DP8344B Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 184 page
background image
50 Device Specifications (Continued)
TLF9336 – H9
(f) WR-PEND Rising (Latched Write Mode)
FIGURE 5-26 Remote Rest Time
(Continued)
TABLE 5-27 Remote Interface WAIT Timing (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tSU-WT-LCL
1
WAIT Falling after LCL Rising to Extend Cycle
(Buffered Read Latched Read Slow Buffered Write
TaTHab28
ns
Fast Buffered Write and Latched Write of PC RIC)
WAIT Falling after LCL Rising to Extend Cycle
(Buffered Read Latched Read Slow Buffered Write
(nDWa1)TaTHab28
ns
Fast Buffered Write and Latched Write of DMEM)
WAIT Falling after LCL Rising to Extend Cycle
(Buffered Read Latched Read Slow Buffered Write
(nIWa1)TaTHab28
ns
Fast Buffered Write and Latched Write of IMEM)
tH-WT-LCL
2
WAIT Rising after LCL Rising
TaTHa
0ns
(Buffered Read Latched Read Slow Buffered Write
Fast Buffered Write and Latched Write of PC RIC) (Note 2)
2TaTHab27
ns
WAIT Rising after LCL Rising
(nDWa1)TaTHa
0ns
(Buffered Read Latched Read Slow Buffered Write
Fast Buffered Write and Latched Write of DMEM) (Note 2)
(nDWa2)TaTHab27
ns
WAIT Rising after LCL Rising
(nIWa1)TaTHa
0ns
(Buffered Read Latched Read Slow Buffered Write
Fast Buffered Write and Latched Write of IMEM) (Note 2)
(nIWa2)TaTHab27
ns
tSU-WT-RD
3
WAIT Falling after READ Falling to Extend Cycle
(nDW)TaTHab32
ns
(Buffered Read and Latched Read)
tSU-WT-WR
3
WAIT Falling after WRITE Falling to Extend Cycle
(nDW)TaTHab33
ns
(Slow Buffered Write Fast Buffered Write and Latched Write)
tSU-WT-IWR
3
WAIT Falling after IWR Falling to Extend Cycle
(nIWa1)TaTHab38
ns
(Slow Buffered Write Fast Buffered Write and Latched Write)
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com