Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 127Page - National Semiconductor (TI) DP8344B Datasheet HTML 128Page - National Semiconductor (TI) DP8344B Datasheet HTML 129Page - National Semiconductor (TI) DP8344B Datasheet HTML 130Page - National Semiconductor (TI) DP8344B Datasheet HTML 131Page - National Semiconductor (TI) DP8344B Datasheet HTML 132Page - National Semiconductor (TI) DP8344B Datasheet HTML 133Page - National Semiconductor (TI) DP8344B Datasheet HTML 134Page - National Semiconductor (TI) DP8344B Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 184 page
background image
60 Reference Section
61 INSTRUCTION SET REFERENCE
The Instruction Set Reference section contains detailed in-
formation on the syntax and operation of each BCP instruc-
tion The instructions are arranged in alphabetical order by
mnemonic for easy access Although this section is primarily
intended as a reference for the assembly language pro-
grammer previous assembly language experience is not a
prerequisite The intent of this instruction set reference is to
include all the pertinent information regarding each instruc-
tion on the page(s) describing that instruction The only ex-
ceptions to this rule concern the instruction addressing
modes and the bus timing diagrams The discussion of the
instruction addressing modes occurs at the beginning of the
BCP Instruction Set Overview section and therefore will
not be repeated here The figures for the bus timing dia-
grams are located at the end of this introduction rather than
constantly repeating them under each instruction The infor-
mation that is contained under each instruction is divided
into eight categories titled Syntax Affected Flags Descrip-
tion Example Instruction Format T-states Bus timing and
Operation The following paragraphs explain what informa-
tion each category conveys and any special nomenclature
that a category may use
Syntax
This category illustrates the assembler syntax for each in-
struction Multiple lines are used when a given instruction
supports more than one type of addressing mode or if it has
an optional mnemonic All capital letters commas () math
symbols (a b) and brackets (
) are entered into the as-
sembler exactly as shown Braces (
) surround an instruc-
tion’s optional operands and their associated syntax The
text between the braces may either be entered in with or
omitted from the instruction The braces themselves should
not be entered into the assembler because they are not part
of the assembler syntax Lower case characters and oper-
ands that begin with the capital R represent symbols These
must be replaced with actual register names numbers or
equated registers and numbers Table 6-1 lists all the sym-
bols and their associated meanings
Affected Flags
If an instruction sets or clears any of the ALU flags (ie
Negative N
Zero Z
Carry C
andor Overflow V )
then those flags affected are listed under this category
Description
The Description category contains a verbal discussion
about the operation of an instruction the operands it allows
and any notes highlighting special considerations the pro-
rammer should keep in mind when using the instruction
Example
Each instruction has one or more coding examples de-
signed to show its typical usage(s) For clarity register
name abbreviations are often used instead of the register
numbers (ie RTR is used in place of R4) Each example
assumes that the ‘‘EQU’’ assembler directive has been pre-
viously executed to establish these relationships Informa-
tion relating register abbreviations to register names num-
bers and purpose is located in the CPU Registers section
Instruction Format
This category illustrates the formation of an instruction’s
machine code for each operand variation Assembly or dis-
assembly of any instruction can be accomplished using
these figures
T-states
The T-state category lists the number of CPU clock cycles
required for each instruction including operand variations
and conditional considerations Using this information actu-
al execution times may be calculated For example if the
conditional relative jump instruction’s condition is not met
the CPU’s clock cycle is 18867 MHz ( CCS e0) and no
instruction wait states are requested ( IW1b0 e00) then
Jcc’s execution time is calculated as shown below
texecution e 1(CPU clock frequency) c T-states
e
1(18867 c 106 Hz) c 2
e
(53 c 10b9s) c 2
e
106 ns
See the section BCP Timing for more information on calcu-
lating instruction execution times
Bus Timing
This category refers the user to the Bus Timing
Figures 6-1
to
6-6 on the following pages These figures illustrate the
relationship between software instruction execution and
some of the BCP’s hardware signals
Operation
The operation category illustrates each instruction’s opera-
tion in a symbolic coding format Most of the operand
names used in this format come directly from each instruc-
tion’s syntax The exceptions to this rule deal with implied
operands Instructions that imply the use of the accumula-
tors use the name ‘‘accumulator’’ as an operand Instruc-
tions that manipulate the Program Counter use the symbol
‘‘PC’’ Instructions that ‘‘push’’ onto or ‘‘pop’’ off of the inter-
nal Address Stack specify ‘‘Address Stack’’ as an operand
Instructions that save or restore the ALU flags and the reg-
ister bank selections use those terms as operands Two
specialized operator symbols are used in the symbolic cod-
ing format the arrow ‘‘
x’’ and the concatenation operator
‘‘’’ The arrow indicates the movement of data from one
operand to another
For instance
after the operation
‘‘Rs
xRd’’ is performed the content of Rd has been re-
placed with the content of Rs The concatenation operator
‘‘’’ simply indicates that the operands surrounding an ‘‘’’
are attached together forming one new operand For exam-
ple ‘‘PC
GIE
ALU flags
register bank selecti-
ons
xAddress Stack’’ means that the Program Counter
the Global Interrupt Enable bit the ALU flags and the regis-
ter bank selections are combined into one operand and
pushed onto the internal Address Stack Three conditional
structures are utilized in the symbolic coding format the
‘‘Two Line If’’ structure the ‘‘Blocked If’’ structure and the
‘‘Blocked Case’’ structure In the ‘‘Two Line If’’ structure if
the
condition is met then the operation is performed other-
wise the
operation is not performed
‘‘Two Line If’’ structure
If
condition
then
operation
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com