Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 137Page - National Semiconductor (TI) DP8344B Datasheet HTML 138Page - National Semiconductor (TI) DP8344B Datasheet HTML 139Page - National Semiconductor (TI) DP8344B Datasheet HTML 140Page - National Semiconductor (TI) DP8344B Datasheet HTML 141Page - National Semiconductor (TI) DP8344B Datasheet HTML 142Page - National Semiconductor (TI) DP8344B Datasheet HTML 143Page - National Semiconductor (TI) DP8344B Datasheet HTML 144Page - National Semiconductor (TI) DP8344B Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 184 page
background image
60 Reference Section (Continued)
JMP
Conditional Relative Jump
Jcc
Syntax
JMP
f s n
immediate
Jcc
n
immediate (optional syntax)
Affected Flags
None
Description
Conditionally transfers control to the instruction at the mem-
ory address calculated by adding the contents of the Pro-
gram Counter to the immediate value n (sign extended to
16 bits) if the state of the flag referenced by f is equal to the
state of the bit s or optionally if the condition cc is met
See the tables below for the flags that f can reference and
the conditions that cc may specify Since the immediate val-
ue n is an 8-bit two’s complement displacement the condi-
tional relative jump’s range is from a127 to b128 relative
to the Program Counter Note that the Program Counter ini-
tially contains the memory address of the next instruction
following the jump
Example
This example demonstrates both syntaxes of the condition-
al relative jump instruction testing for a non-zero result from
a previous instruction (ie
Z e0) If the condition is
met then control transfers to the instruction labeled
‘‘Loopback’’ else the next instruction following the jump is
executed
JMP
000B0Loopback
jump on not zero
JNZ
Loopback
jump on not zero
Condition Specification Table for ‘‘cc’’
cc
Meaning
Condition Tested for
Z
Zero
Z
e
1
NZ
Not Zero
Z
e
0
EQ
Equal
Z
e
1
NEQ
Not Equal
Z
e
0
C
Carry
C
e
1
NC
No Carry
C
e
0
V
Overflow
V
e
1
NV
No Overflow
V
e
0
N
Negative
N
e
1
P
Positive
N
e
0
RA
Receiver Active
RA
e
1
NRA
Not Receiver Active
RA
e
0
RE
Receiver Error
RE
e
1
NRE
No Receiver Error
RE
e
0
DA
Data Available
DAV
e
1
NDA
No Data Available
DAV
e
0
TFF
Transmitter FIFO Full
TFF
e
1
NTFF
Transmitter FIFO Not Full
TFF
e
0
Instruction Format
1101
Opcode
s
f
n
15
11
10
7
0
T-states
2 if condition is not met
3 if condition is met
Bus Timing
Figure 6-1 if condition is not met
Figure 6-2 if condition is met
Operation
JMP
f s n
If flag f is in state s
then PC a n(sign extended)
xPC
Jcc
n
If cc condition is true
then PC a n(sign extended)
xPC
Flag Reference Table for ‘‘f’’
f
(binary)
Flag Reference
0
(000)
Z
in CCR
1
(001)
C
in CCR
2
(010)
V
in CCR
3
(011)
N
in CCR
4
(100)
RA
in TSR
5
(101)
RE
in TSR
6
(110)
DAV in TSR
7
(111)
TFF
in TSR
Note
The value of f for DAV differs from the numeric
value for the position of DAV in TSR
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com