Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 145 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 145 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 141Page - National Semiconductor (TI) DP8344B Datasheet HTML 142Page - National Semiconductor (TI) DP8344B Datasheet HTML 143Page - National Semiconductor (TI) DP8344B Datasheet HTML 144Page - National Semiconductor (TI) DP8344B Datasheet HTML 145Page - National Semiconductor (TI) DP8344B Datasheet HTML 146Page - National Semiconductor (TI) DP8344B Datasheet HTML 147Page - National Semiconductor (TI) DP8344B Datasheet HTML 148Page - National Semiconductor (TI) DP8344B Datasheet HTML 149Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
60 Reference Section (Continued)
LJMP
Conditional Long Jump
Syntax
LJMP
Rs p s nn
register absolute
Affected Flags
None
Description
Conditionally transfers control to the instruction at the abso-
lute memory address nn if the bit in position p of register Rs
is equal to the state of the bit s The operand Rs may speci-
fy any active CPU register The value of p may be from 0 to
7 where 0 corresponds to the LSB of Rs and 7 corresponds
to the MSB of Rs The absolute value nn is 16 bits long
(range 0 to 64k) therefore all of instruction memory can be
addressed
Example
Long Jump to one of the receiver error handling routines
based on the contents of the Error Code Register ECR
EXX
013
select main A alt B
and clear GIE
OR
01000000BTSR
set SEC in TSR
MOVE
ECR R11
read ECR
Determine error condition
LJMP
R11 0 1 Software
error
LJMP
R11 1 1 Loss
of
Midbit
LJMP
R11 2 1 Invalid
Ending
Seq
LJMP
R11 3 1 Parity
error
LJMP
R11 4 1 Software
error
Instruction Format
1000110
Opcode
s
p
Rs
15
8
7
4
0
nn
15
0
T-states
(2 a 2)
Bus Timing
Figure 6-3
Operation
If Rs p e s
then nn
xPC
LJMP
Unconditional Long Jump
Syntax
LJMP
nn
absolute
LJMP
Ir
indexed
Affected Flags
None
Description
Unconditionally transfers control to the instruction at the
memory address specified by the operand The operand
may either specify an absolute instruction address nn (16
bits long) or an index register Ir which contains an instruc-
tion address Long Jump’s addressing range is from 0 to
64k (ie all of instruction memory can be addressed)
Example
Transfer control to the instruction labeled ‘‘ResetSystem’’
which may be located anywhere in instruction memory
LJMP
ResetSystem
go reset the system
Instruction Format
LJMP
nn
1100111000000000
Opcode
15
0
nn
15
0
LJMP
Ir
110011010
00000
Opcode
Ir
15
6
v
40
00IW
01IX
10IY
11IZ
T-states
LJMP
nn
(2 a 2)
LJMP
Ir
2
Bus Timing
LJMP
nn
Figure 6-3
LJMP
Ir
Figure 6-1
Operation
LJMP
nn
nn
xPC
LJMP
Ir
Ir
xPC
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com