Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 151 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 147Page - National Semiconductor (TI) DP8344B Datasheet HTML 148Page - National Semiconductor (TI) DP8344B Datasheet HTML 149Page - National Semiconductor (TI) DP8344B Datasheet HTML 150Page - National Semiconductor (TI) DP8344B Datasheet HTML 151Page - National Semiconductor (TI) DP8344B Datasheet HTML 152Page - National Semiconductor (TI) DP8344B Datasheet HTML 153Page - National Semiconductor (TI) DP8344B Datasheet HTML 154Page - National Semiconductor (TI) DP8344B Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 184 page
background image
60 Reference Section (Continued)
RET
Unconditional Return
Syntax
RET
g
rf
Affected Flags
If rfe1 then N Z C and V
Description
Unconditionally returns control to the last instruction ad-
dress pushed onto the internal Address Stack by popping
that address into the Program Counter The unconditional
return instruction also has two optional operands g and rf
The value of g determines if the Global Interrupt Enable bit
GIE is left unchanged (ge0) restored from the Address
Stack (ge1) set (ge2) or cleared (ge3) If the g operand
is omitted then ge0 is assumed The second optional oper-
and rf determines if the ALU flags and register bank selec-
tions are left unchanged (rfe0) or restored from the Ad-
dress Stack (rfe1) If the rf operand is omitted then rfe0is
assumed
Example
Return from an interrupt
RET
11
Restore environment
return
Instruction Format
101011111
0000
Opcode
g
rf
15
6
v
43
0
00GIE not affected
01Restore GIE
10Set GIE
11Clear GIE
T-states
2
Bus Timing
Figure 6-1
Operation
Case g of
0 leave GIE unaffected (default)
1 restore GIE from Address Stack
2 set GIE
3 clear GIE
End case
If rfe1 then
restore ALU flags from Address Stack
restore register bank selection from Address Stack
End if
Address Stack
xPC
ROT
Rotate
Syntax
ROT
Rsd b
register
Affected Flags
N Z C
Description
Rotates the contents of the register Rsd b bits to the right
and places the result back into that register The bits that
are shifted out of the LSB are shifted back into the MSB
(and copied into the Carry flag) The value b may specify
from 0 to 7 bit rotates
Example
Add 3 to the Address Stack Pointer contained in the Internal
Stack Pointer register ISP
R30
MOVE
ISP R8
get ISP
ROT
R8 4
shift ASP to low order nibble
ADD
3 R8
add 3 to ASP
ROT
R8 4
shift ASP to high order nibble
MOVE
R8 ISP
store new ISP
Instruction Format
11001010
Opcode
b
Rsd
15
7
4
0
T-states
2
Bus Timing
Figure 6-1
Operation
TLF9336 – 12
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com