Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 148Page - National Semiconductor (TI) DP8344B Datasheet HTML 149Page - National Semiconductor (TI) DP8344B Datasheet HTML 150Page - National Semiconductor (TI) DP8344B Datasheet HTML 151Page - National Semiconductor (TI) DP8344B Datasheet HTML 152Page - National Semiconductor (TI) DP8344B Datasheet HTML 153Page - National Semiconductor (TI) DP8344B Datasheet HTML 154Page - National Semiconductor (TI) DP8344B Datasheet HTML 155Page - National Semiconductor (TI) DP8344B Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 184 page
background image
60 Reference Section (Continued)
SBCA
Subtract with Carry and
Accumulator
Syntax
SBCA
Rs Rd
register register
SBCA
Rs
mIr
register indexed
Affected Flags
N Z C V
Description
Subtracts the active accumulator and the carry flag from the
source register Rs placing the result into the destination
specified The destination may be either a register Rd or
data memory via an index register mode
mIr
Negative
results are represented using the two’s complement format
Note that register bank selection determines which accumu-
lator is active
Example
Subtract the constant 109 from the index register IW (which
is 16 bits wide)
SUBA
A A
Clear the accumulator
SUB
109 R12
low byte of IW109
SBCA
R13 R13
high byte of IWborrow
Instruction Format
SBCA
Rs Rd
111011
Opcode
Rd
Rs
15
9
4
0
SBCA
Rs
mIr
TLF9336 – 13
T-states
SBCA
Rs Rd
2
SBCA
Rs
mIr
3
Bus Timing
SBCA
Rs Rd
Figure 6-1
SBCA
Rs
mIr
Figure 6-7
Operation
SBCA
Rs Rd
Rs b accumulator b carry bit
xRd
SBCA
Rs
mIr
Rs b accumulator b carry bit
xdata memory
SHL
Shift Left
Syntax
SHL
Rsd b
register
Affected Flags
N Z C
Description
Shifts the contents of the register Rsd b bits to the left and
places the result back into that register Zeros are shifted in
from the right (ie from the LSB) The value b may specify
from 0 to 7 bit shifts The Carry flag contains the last bit
shifted out
Example
Place a new internal Address Stack Pointer into the Internal
Stack Pointer register
ISP
R30 Assume that the new
ASP is located in register 20
MOVE
ISPR8
read ISP for DSP
AND
00001111BR8
save DSP only
SHL
R204
left justify ASP
ORA
R20ISP
combine ASP a DSP
then place into ISP
Instruction Format
11001001
Opcode
(8-b)
Rsd
15
7
4
0
T-states
2
Bus Timing
Figure 6-1
Operation
TLF9336 – 14
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com