Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 51 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 51 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 47Page - Texas Instruments DP83256 Datasheet HTML 48Page - Texas Instruments DP83256 Datasheet HTML 49Page - Texas Instruments DP83256 Datasheet HTML 50Page - Texas Instruments DP83256 Datasheet HTML 51Page - Texas Instruments DP83256 Datasheet HTML 52Page - Texas Instruments DP83256 Datasheet HTML 53Page - Texas Instruments DP83256 Datasheet HTML 54Page - Texas Instruments DP83256 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 146 page
background image
50 Registers (Continued)
56 INJECTION THRESHOLD REGISTER (IJTR)
The Injection Threshold Register in conjunction with the Injection Control bits (ICk10l) in the Current Transmit State Register
(CTSR) set the frequency at which the contents of the Injection Symbol Register A (ISRA) and Injection Symbol Register B
(ISRB) are inserted into the data stream It contains the start value for the Injection Counter
The Injection Threshold Register value is loaded into the Injection Counter when the counter reaches zero or during every
Control Bus Interface write-cycle of this register
The Injection Counter is an 8-bit down-counter which decrements every 80 ns It’s current value is read for CIJCR
The counter is active only during One Shot or Periodic Injection Modes (ie Injection Controlk10l bits (ICk10l)ofthe
Current Transmit State Register (CTSR) are set to either 01 or 10) The Transmitter Block will replace a data symbol pair with
ISRA and ISRB when the counter reaches 0 and the Injection Mode is either One Shot or Periodic
If the Injection Threshold Register is set to 0 during the One Shot mode the JK will be replaced with ISRA and ISRB If the
Injection Threshold Register is set to 0 during the Periodic mode all data symbols are replaced with ISRA and ISRB
The counter is initialized to 0 during the reset process (ie ERSTeGND)
For further information see the INJECTION CONTROL LOGIC section
ACCESS RULES
ADDRESS
READ
WRITE
05h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
IJT7
IJT6
IJT5
IJT4
IJT3
IJT2
IJT1
IJT0
Bit
Symbol
Description
D0-D7
IJT0 – IJT7
INJECTION THRESHOLD BITk0-7l
Start value for the Injection Counter
IJT0 is the Least Significant Bit (LSB)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com