Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 126 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 126 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 122Page - Texas Instruments DP83256 Datasheet HTML 123Page - Texas Instruments DP83256 Datasheet HTML 124Page - Texas Instruments DP83256 Datasheet HTML 125Page - Texas Instruments DP83256 Datasheet HTML 126Page - Texas Instruments DP83256 Datasheet HTML 127Page - Texas Instruments DP83256 Datasheet HTML 128Page - Texas Instruments DP83256 Datasheet HTML 129Page - Texas Instruments DP83256 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 146 page
background image
70 Electrical Characteristics (Continued)
AC Characteristics for User Definable Pins
The following signals are covered Sense Pins (SP)
For Enable Pins (EP) timing see AC Characteristics for the Control Bus Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T59
SP Minimum Pulse Width
120
ns
TLF11708 – 56
FIGURE 7-14 SP Minimum Pulse Width
AC Characteristics for Miscellaneous Interface
The following signal is covered Reset (ERST)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T60
Minimum Reset (ERST) Pulse Width
300
ns
T61
Maximum Power Up Reset Cycle Duration
(Notes 1 2)
10
ms
T62
Maximum Hardware Reset (ERST) Cycle Duration
05
ms
Note 1
This parameter is not tested but is assured by correlation with characterization data
Note 2
User must wait this long before trying to access the device after power up It is recommended that a Hardware Reset be used sometime after the Power Up
Reset cycle is complete to insure proper device reset
TLF11708 – 57
FIGURE 7-15 Reset Timing
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com