Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 107 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 107 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 111Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
107
INTERRUPTS
The interrupt status flag IRQ is asserted when any un-masked interrupt input is asserted. It
represents the OR’d combination of all the un-masked interrupt inputs. If required, this flag may be
inverted using the IRQ_POL register bit. The IRQ flag can be polled at any time, or may be output
directly on the GPIO1 pin.
An interrupt can be generated by any of the following events described earlier:
•
Button detect input (on GPIO1, GPI7 or GPI8)
•
Accessory detection (MICBIAS1 or MICBIAS2 current / short circuit detect)
•
FLL Lock
•
Temperature Sensor
•
Control Write Sequencer
The interrupt events are indicated by the _EINT register fields described earlier. The interrupt event
flags are latched once set; they are reset by writing a logic ‘1’ to the _EINT register bit. Each of these
can be masked as an input to the IRQ function by setting the associated IM_ register field. Note that
the _EINT register fields are always valid, regardless of the setting of the associated IM_ register
fields.
The interrupt behaviour is driven by edge detection (not level detection) of the un-masked inputs.
Therefore, if an input remains asserted after the interrupt register has been reset, then the interrupt
status flag IRQ will not be triggered again. Note that once the IRQ flag is latched then all subsequent
trigger events will be ignored until it has been reset – see Figure 34.
See “GPIO1 Control” for details of outputting IRQ on the GPIO1 pin.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
GPIO CTRL
1
12
IRQ
0
Interrupt status (IRQ)
Polarity is determined by IRQ_POL
This bit is read only.
R23 (17h)
GPIO_POL
12
IRQ_POL
1
Interrupt status (IRQ) polarity
0 = active high
1 = active low
Table 71 Interrupt (IRQ) Control
Figure 34 GPIO Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com