Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 110 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 110 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 114Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
110
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data to the WM8993 and outputting ADC data
from it. The digital audio interface uses four pins:
•
ADCDAT: ADC data output
•
DACDAT: DAC data input
•
LRCLK: Left/Right data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK and LRCLK can be outputs when the WM8993 operates as a master, or
inputs when it is a slave (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I2S
•
DSP mode
All four of these modes are MSB first. They are described in the following sections. Refer to the
“Signal Timing Requirements” section for timing information.
Time Division Multiplexing (TDM) is available in all four data format modes. The WM8993 can be
programmed to send and receive data in one of two time slots.
Two variants of DSP mode are supported - ‘Mode A’ and ‘Mode B’. PCM operation is supported
using the DSP mode.
MASTER AND SLAVE MODE OPERATION
The WM8993 digital audio interface can operate as a master or slave as shown in Figure 39 and
Figure 40.
Figure 39 Master Mode
Figure 40 Slave Mode
The Audio Interface output control is illustrated above. The master mode control register AIF_MSTR1
determines whether the WM8993 generates the clock signals. The AIF_MSTR1 register field is
defined in Table 72.
BCLK and LRCLK can be enabled as outputs in Slave mode, allowing mixed Master/Slave operation
- see “Digital Audio Interface Control”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Audio
Interface (3)
15
AIF_MSTR1
0
Audio Interface 1 Master Mode Select
0 = Slave mode
1 = Master mode
Table 72 Audio Interface Master/Slave Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com