Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 117 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 117 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 121Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
117
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:3
AIF_FMT [1:0]
10
Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode
R5 (05h)
Audio
Interface
(2)
15
AIFDACL_SRC
0
Left DAC Data Source Select
0 = Left DAC outputs left interface data
1 = Left DAC outputs right interface data
14
AIFDACR_SRC
1
Right DAC Data Source Select
0 = Right DAC outputs left interface data
1 = Right DAC outputs right interface data
13
AIFDAC_TDM
0
DAC TDM Enable
0 = Normal DACDAT operation
1 = TDM enabled on DACDAT
12
AIFDAC_TDM_
CHAN
0
DACDAT TDM Channel Select
0 = DACDAT data input on slot 0
1 = DACDAT data input on slot 1
Table 73 Digital Audio Interface Data Control
AUDIO INTERFACE OUTPUT TRI-STATE
Register bit AIF_TRIS can be used to tri-state the audio interface pins as described in Table 74. All
digital audio interface pins will be tri-stated by this function, regardless of the state of other registers
which control these pin configurations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Audio
Interface (4)
13
AIF_TRIS
0
Audio Interface Tristate
0 = Audio interface pins operate normally
1 = Tristate all audio interface pins
Table 74 Digital Audio Interface Tri-State Control
BCLK AND LRCLK CONTROL
The audio interface can be programmed to operate in master mode or slave mode using the
AIF_MSTR1 register bit.
In master mode, the BCLK and LRCLK signals are generated by the WM8993 when any of the ADCs
or DACs is enabled. In slave mode, the BCLK and LRCLK clock outputs are disabled by default to
allow another digital audio interface to drive these pins.
It is also possible to force the BCLK or LRCLK signals to be output using BCLK_DIR and
LRCLK_DIR, allowing mixed master and slave modes.
The clock generators for the audio interface are enabled according to the control signals shown in
Figure 56. The BCLK_DIR and LRCLK_DIR fields are defined in Table 75.
The BCLK output can be inverted using the AIF_BCLK_INV register bit. The LRCLK output can be
inverted using the AIF_LRCLK_INV register control.
Note that in Slave mode, when BCLK is an input, the AIF_BCLK_INV register selects the polarity of
the received BCLK signal. Under default conditions, DACDAT input is captured on the rising edge of
BCLK, as illustrated in Figure 4. When AIF_BCLK_INV = 1, DACDAT input is captured on the falling
edge of BCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com