Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 196 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 196 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 200Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
196
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1 = Un-mute
1
DACL_TO_SP
KMIXL
0
Left DAC to SPKMIXL Mute
0 = Mute
1 = Un-mute
0
DACR_TO_SP
KMIXR
0
Right DAC to SPKMIXR Mute
0 = Mute
1 = Un-mute
Register 36h Speaker Mixer
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R55 (37h)
Additional
Control
7
LINEOUT1_FB
0
Enable ground loop noise feedback on LINEOUT1
0 = Disabled
1 = Enabled
6
LINEOUT2_FB
0
Enable ground loop noise feedback on LINEOUT2
0 = Disabled
1 = Enabled
0
VROI
0
Buffered VMID to Analogue Line Output Resistance
(Disabled Outputs)
0 = 20kohm from buffered VMID to output
1 = 1000ohm from buffered VMID to output
Register 37h Additional Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (38h)
AntiPOP1
7
LINEOUT_VMI
D_BUF_ENA
0
Enables VMID reference for line outputs in single-
ended mode
0 = Disabled
1 = Enabled
6
HPOUT2_IN_E
NA
0
HPOUT2MIX Mixer and Input Stage Enable
0 = Disabled
1 = Enabled
5
LINEOUT1_DI
SCH
0
Discharges LINEOUT1P and LINEOUT1N outputs via
approx 4k resistor
0 = Not active
1 = Actively discharging LINEOUT1P and LINEOUT1N
4
LINEOUT2_DI
SCH
0
Discharges LINEOUT2P and LINEOUT2N outputs via
approx 4k resistor
0 = Not active
1 = Actively discharging LINEOUT2P and LINEOUT2N
Register 38h AntiPOP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com