Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 197 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 197 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 201Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
197
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (39h)
AntiPOP2
6:5
VMID_RAMP
[1:0]
00
VMID soft start enable / slew rate control
00 = Normal / Slow start
01 = Normal / Fast start
10 = Soft / Slow start
11 = Soft / Fast soft start
3
VMID_BUF_EN
A
0
VMID Buffer Enable
0 = Disabled
1 = Enabled
2
STARTUP_BIA
S_ENA
0
Enables the Start-Up bias current generator
0 = Disabled
1 = Enabled
1
BIAS_SRC
0
Selects the bias current source
0 = Normal bias
1 = Start-Up bias
0
VMID_DISCH
0
Connects VMID to ground
0 = Disabled
1 = Enabled
Register 39h AntiPOP2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R58 (3Ah)
MICBIAS
7:6
JD_SCTHR
[1:0]
00
Jack Detect (MICBIAS) Short Circuit threshold
00 = 300uA
01 = 600uA
10 = 1200uA
11 = 2400uA
These values are for AVDD1=3.0V and scale
proportionally with AVDD1.
5:3
JD_THR [2:0]
000
Jack Detect (MICBIAS) Current Detect threshold
00 = 150uA
01 = 300uA
10 = 600uA
11 = 1200uA
These values are for AVDD1=3.0V and scale
proportionally with AVDD1.
2
JD_ENA
0
Jack Detect (MICBIAS) function enable
0 = disabled
1 = enabled
1
MICB2_LVL
0
Microphone Bias 2 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
0
MICB1_LVL
0
Microphone Bias 1 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
Register 3Ah MICBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com