Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 200 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 200 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 204Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
200
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0100 = 384
0101 = 512
0110 = 768
0111 = 1024
1000 = 1408
1001 = 1536
0
CLK_DSP_EN
A
1
CLK_DSP enable
0 = disabled
1 = enabled
Register 41h Clocking 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R66 (42h)
Clocking 4
9
DAC_DIV4
1
DAC Divide-by-4 select
0 = DAC_DIV
1 = DAC_DIV / 4
Note - this field is ignored and invalid in Automatic
Clocking Configuration mode.
6:1
CLK_256K_DI
V [5:0]
10_1111
256kHz Clock Divider
0d = CLK_SYS
1d = CLK_SYS / 2
2d = CLK_SYS / 3
….
63d = CLK_SYS / 64
Note - this field is ignored and invalid in Automatic
Clocking Configuration mode.
0
SR_MODE
1
Selects Clocking Configuration mode
0 = Automatic
1 = Manual
Register 42h Clocking 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R69 (45h)
Bus Control
1
1
CLK_SYS_EN
A
1
CLK_SYS enable
0 = disabled
1 = enabled
Register 45h Bus Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R70 (46h)
Write
Sequencer 0
8
WSEQ_ENA
0
Write Sequencer Enable.
0 = Disabled
1 = Enabled
4:0
WSEQ_WRITE
_INDEX [4:0]
0_0000
Sequence Write Index. This is the memory location to
which any updates to R71 and R72 will be copied.
0 to 31 = RAM addresses
Register 46h Write Sequencer 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com