Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 202 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 202 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 206Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
202
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R74 (4Ah)
Write
Sequencer 4
0
WSEQ_BUSY
0
Sequencer Busy flag (Read Only).
0 = Sequencer idle
1 = Sequencer busy
Note: it is not possible to write to control registers via
the control interface while the Sequencer is Busy.
Register 4Ah Write Sequencer 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R75 (4Bh)
Write
Sequencer 5
5:0
WSEQ_CURR
ENT_INDEX
[5:0]
00_0000
Sequence Current Index. This is the location of the
most recently accessed command in the write
sequencer memory.
Register 4Bh Write Sequencer 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R76 (4Ch)
Charge
Pump 1
15
CP_ENA
0
Enable charge-pump digits
0 = disable
1 = enable
Note: Default value of R76[14:0] (0x1F25h) must not be
changed when enabling/disabling the Charge Pump
12
Reserved
1
Reserved - do not change
11
Reserved
1
Reserved - do not change
10
Reserved
1
Reserved - do not change
9
Reserved
1
Reserved - do not change
8
Reserved
1
Reserved - do not change
5
Reserved
1
Reserved - do not change
2
Reserved
1
Reserved - do not change
0
Reserved
1
Reserved - do not change
Register 4Ch Charge Pump 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R81 (51h)
Class W 0
0
CP_DYN_PWR
0
Enable dynamic charge pump power control
0 = charge pump controlled by volume register settings
(Class G)
1 = charge pump controlled by real-time audio level
(Class W)
Register 51h Class W 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com