Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 206 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 206 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 210Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
206
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R99 (63h)
EQ2
4:0
EQ_B1_GAIN
[4:0]
0_1100
EQ Band 1 Gain
00000 = -12dB
00001 = -11dB
…
10111 = +11dB
11000 = +12dB
11001 to 11111 Reserved
Register 63h EQ2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R100 (64h)
EQ3
4:0
EQ_B2_GAIN
[4:0]
0_1100
EQ Band 2 Gain
00000 = -12dB
00001 = -11dB
…
10111 = +11dB
11000 = +12dB
11001 to 11111 Reserved
Register 64h EQ3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R101 (65h)
EQ4
4:0
EQ_B3_GAIN
[4:0]
0_1100
EQ Band 3 Gain
00000 = -12dB
00001 = -11dB
…
10111 = +11dB
11000 = +12dB
11001 to 11111 Reserved
Register 65h EQ4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R102 (66h)
EQ5
4:0
EQ_B4_GAIN
[4:0]
0_1100
EQ Band 4 Gain
00000 = -12dB
00001 = -11dB
…
10111 = +11dB
11000 = +12dB
11001 to 11111 Reserved
Register 66h EQ5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com