Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 210 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 210 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 214Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
210
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R122 (7Ah)
Digital Pulls
7
MCLK_PU
0
MCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
6
MCLK_PD
0
MCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
5
DACDAT_PU
0
DACDAT pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
DACDAT_PD
0
DACDAT pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3
LRCLK_PU
0
LRCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
2
LRCLK_PD
0
LRCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
1
BCLK_PU
0
BCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
0
BCLK_PD
0
BCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
Register 7Ah Digital Pulls
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R123 (7Bh)
DRC Control
1
15
DRC_ENA
0
DRC enable
0 = disabled
1 = enabled
14
DRC_DAC_PA
TH
0
DRC path select
0 = ADC path
1 = DAC path
11
DRC_SMOOT
H_ENA
1
Gain smoothing enable
0 = disabled
1 = enabled
10
DRC_QR_ENA
1
Quick release enable
0 = disabled
1 = enabled
9
DRC_ANTICLI
P_ENA
1
Anti-clip enable
0 = disabled
1 = enabled
8
DRC_HYST_E
NA
1
Gain smoothing hysteresis enable
0 = disabled
1 = enabled
5:4
DRC_THRESH
_HYST [1:0]
00
Gain smoothing hysteresis threshold
00 = Low
01 = Medium (recommended)
10 = High
11 = Reserved
3:2
DRC_MINGAIN
10
Minimum gain the DRC can use to attenuate audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com